Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV273A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74LV273A
Description  Octal D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV273A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74LV273A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maxi-
mum
clock
fre-
quency
fmax
55
95
45
MHz
C
L = 15 pF
45
75
40
C
L = 50 pF
Propa-
gation
delay
time
t
PHL
10.3
19.0
1.0
21.0
ns
C
L = 15 pF
CLR
Q
t
PLH / tPHL
10.4
18.3
1.0
20.5
CLK
Q
t
PHL
13.1
22.8
1.0
25.5
C
L = 50 pF
CLR
Q
t
PLH / tPHL
12.9
22.1
1.0
25.0
CLK
Q
Setup
time
t
SU
8.5
10.5
ns
Data
4.0
4.0
CLR inactive
Hold
time
t
h
0.5
1.0
ns
Pulse
width
t
W
6.5
7.0
ns
CLR L
7.0
8.5
CLK H or L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn