Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1022 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # T1022
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1022 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  T1022 Datasheet HTML 1Page - Pulse A Technitrol Company T1022 Datasheet HTML 2Page - Pulse A Technitrol Company T1022 Datasheet HTML 3Page - Pulse A Technitrol Company T1022 Datasheet HTML 4Page - Pulse A Technitrol Company T1022 Datasheet HTML 5Page - Pulse A Technitrol Company T1022 Datasheet HTML 6Page - Pulse A Technitrol Company T1022 Datasheet HTML 7Page - Pulse A Technitrol Company T1022 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Reinforced Insulation, 3KVrms
Certified for reinforced insulation per UL
For T1/CEPT line interfaces
Matched to leading transceiver ICs
Designed to meet ITU-T G.703
RoHS compliant versions available upon request
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C (Unless Otherwise Noted)
Mechanical
Schematics
1
2
5
3
1
5
10
6
3
10
6
1
3
2
8
5
4
10
6
1
5
10
6
1
5
4
2
4
10
6
1
5
3
8
1
2
4
5
10
9
7
6
PE-XXXXX
DATE CODE
.560 MAX
14,22
.400
10,20
3
8
.560
MAX
14,22
.400 MAX
10,20
Notes:
Leads are 22 AWG solderable.
Unused pins not provided.
.130
3,30
.100 TYP
2,54
.400
10,20
Weight . . . . . . . . . . 4 grams
Tube . . . . . . . . . . . . .35/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
DCR
DCR
Safety
Turns Ratio B
OCL B
CW/W
LL
Pri
Sec
Agency
Package/
Primary
Part Number
(± 5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX) (Ω MAX) Recognition 10 Schematic
Pins
PE-65830
1.27CS:1
.800
15
0.70
0.50
0.35
C,T,U,B
IS/3
1-5
PE-65831
1CS:1
.800
15
0.70
0.50
0.45
C,T,U,B
IS/3
1-5
PE-65832
1:1.36CT
1.20
35
0.60
0.70
0.90
C,T,U,B
IS/4
10-6
PE-65833 A
1CT:2CT
1.20
20
0.30-0.55
0.50
0.90
C,T,U,B
IS/1
1-5
PE-65834
1:1
1.20
20
0.50
0.50
0.50
C,T,U,B
IS/2
1-5
PE-65835
1CT:2CT
1.20
15
0.80
0.70
1.10
C,T,U,B
IS/1
1-5
PE-65836
1CT:3CT:1
.600
30
0.80
0.70
1.70
C,T,U,B
IS/5
1-3
PE-65837 E
1:1.08/1.36
1.50
20
0.60
0.70
0.90
C,T,U,B
IS/4
10-6
PE-65838
1:1.14CT
1.50
30
1.00
0.70
0.90
C,T,U,B
IS/4
10-6
PE-65839 E
1:1/1.26
1.50
35
0.60
0.70
1.10
C,T,U,B
IS/4
10-6
PE-68646 E
1:1.58/2
1.50
20
0.70
0.70
1.20
C,T,U,B
IS/4
10-6
PE-68788
1CT:1.41CT
1.20
20
0.80
0.60
0.80
T,U,B
IS/1
10-6
REINFORCED
INSULATION!
IS
NOTE: RoHS-6 compliant parts can be ordered by adding an “NL” suffix to the part number (i.e. PE-65830 becomes PE-65830NL).
(See Pages 6 and 7 for Table Notes)
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
3
T608.S (4/08)


Similar Part No. - T1022

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1022 PULSE-T1022 Datasheet
280Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500Vrms, Extended and Standard Temperature Range
T1022 PULSE-T1022 Datasheet
154Kb / 8P
   TRANSFORMERS
logo
Teledyne Technologies I...
T1022 TELEDYNE-T1022 Datasheet
1Mb / 174P
   QorIQ Integrated Multicore Communications Processor
logo
Hubbell Incorporated.
T1022142 HUBBELL-T1022142 Datasheet
369Kb / 1P
   Anchor, PISA 6, 14in, 1in threads
logo
E-SWITCH
T102270 E-SWITCH-T102270 Datasheet
55Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T1022

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com