Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF36A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMF36A
Description  Surface Mount ESD Protection Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMF36A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMF36A Datasheet HTML 1Page - Vishay Siliconix SMF36A Datasheet HTML 2Page - Vishay Siliconix SMF36A Datasheet HTML 3Page - Vishay Siliconix SMF36A Datasheet HTML 4Page - Vishay Siliconix SMF36A Datasheet HTML 5Page - Vishay Siliconix SMF36A Datasheet HTML 6Page - Vishay Siliconix SMF36A Datasheet HTML 7Page - Vishay Siliconix SMF36A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMF5V0A to SMF58A
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 17-Oct-13
2
Document Number: 85881
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
tp = 10/1000 μs waveform
IPPM
see “Electrical
Characteristics”
A
Peak pulse power
tp = 8/20 μs waveform acc. IEC 61000-4-5
PPP
1000
W
tp = 10/1000 μs waveform
200
W
Peak forward surge current
8.3 ms single half sine-wave
IFSM
50
A
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Thermal resistance
Mounted on epoxy glass PCB with 3 mm x 3 mm,
Cu pads (
40 μm thick)
RthJA
180
K/W
Forward clamping voltage
IF = 50A, tp = 400 μs
VF
2.5
V
Operating temperature
Junction temperature
TJ
- 55 to + 150
°C
Storage temperature
TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
TYPE CODE
REVERSE
BREAKDOWN
VOLTAGE
at IT,
tp = 5 ms
TEST
CURRENT
REVERSE
WORKING
VOLTAGE
REVERSE
CURRENT
at VRWM
PEAK PULSE
CURRENT
tp = 10/1000 μs
REVERSE
CLAMPING
VOLTAGE
at IPPM
CAPACITANCE
at VR = 0 V,
f = 1 MHz
PROTECTION
PATHS
STD.
HALOGEN-
FREE
VBR MIN.
(V)
IT
(mA)
VRWM
(V)
IR
(μA)
IPPM
(A)
VC MAX.
(V)
CD TYP.
(pF)
Nchannel
SMF5V0A
AE
NE
6.40
10
5
5
21.7
9.2
1120
1
SMF6V0A
AG
NG
6.67
10
6
26
19.4
10.3
1063
1
SMF6V5A
AK
NK
7.22
10
6.5
20
17.9
11.2
938
1
SMF7V0A
AM
NM
7.78
10
7
3
16.7
12
843
1
SMF7V5A
AP
NP
8.33
1
7.5
0.1
15.5
12.9
773
1
SMF8V0A
AR
NR
8.89
1
8
0.1
14.7
13.6
706
1
SMF8V5A
AT
NT
9.44
1
8.5
0.1
13.9
14.4
674
1
SMF9V0A
AV
NV
10
1
9
0.1
13.5
15.4
640
1
SMF10A
AX
NX
11.1
1
10
0.1
11.8
17
562
1
SMF11A
AZ
NZ
12.2
1
11
0.1
11
18.2
509
1
SMF12A
BE
OE
13.3
1
12
0.1
10.1
19.9
483
1
SMF13A
BG
OG
14.4
1
13
0.1
9.3
21.5
423
1
SMF14A
BK
OK
15.6
1
14
0.1
8.6
23.2
392
1
SMF15A
BM
OM
16.7
1
15
0.1
8.2
24.4
367
1
SMF16A
BP
OP
17.8
1
16
0.1
7.7
26
343
1
SMF17A
BR
OR
18.9
1
17
0.1
7.2
27.6
324
1
SMF18A
BT
OT
20
1
18
0.1
6.8
29.2
320
1
SMF20A
BV
OV
22.2
1
20
0.1
6.2
32.4
283
1
SMF22A
BX
OX
24.4
1
22
0.1
5.6
35.5
271
1
SMF24A
BZ
OZ
26.7
1
24
0.1
5.1
38.9
244
1
SMF26A
CE
PE
28.9
1
26
0.1
4.8
42.1
230
1
SMF28A
CG
PG
31.1
1
28
0.1
4.4
45.4
227
1
SMF30A
CK
PK
33.3
1
30
0.1
4.1
48.4
207
1
SMF33A
CM
PM
36.7
1
33
0.1
3.8
53.3
198
1
SMF36A
CP
PP
40
1
36
0.1
3.4
58.1
178
1
SMF40A
CR
PR
44.4
1
40
0.1
3.1
64.5
172
1
SMF43A
CT
PT
47.8
1
43
0.1
2.9
69.4
165
1
SMF45A
CV
PV
50
1
45
0.1
2.8
72.7
162
1
SMF48A
CX
PX
53.3
1
48
0.1
2.6
77.4
161
1
SMF51A
CZ
PZ
56.7
1
51
0.1
2.4
82.4
151
1
SMF54A
CA
PA
60
1
54
0.1
2.25
88
148
1
SMF58A
CC
PC
64.4
1
58
0.1
2.1
95
144
1


Similar Part No. - SMF36A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF36A VISHAY-SMF36A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF36A UNSEMI-SMF36A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Diotec Semiconductor
SMF36A DIOTEC-SMF36A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF36A VISHAY-SMF36A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF36A LUGUANG-SMF36A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
More results

Similar Description - SMF36A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com