Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV175A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74LV175A
Description  Quad. D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV175A Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HD74LV175A
5
DC Electrical Characteristics
• Ta = –40 to 85°C
Item
Symbol
V
CC (V)*
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
V
2.3 to 2.7
V
CC × 0.7
3.0 to 3.6
V
CC × 0.7
4.5 to 5.5
V
CC × 0.7
V
IL
2.0
0.5
2.3 to 2.7
V
CC × 0.3
3.0 to 3.6
V
CC × 0.3
4.5 to 5.5
V
CC × 0.3
Output voltage
V
OH
Min to
Max
V
CC – 0.1
V
I
OH = –50 µA
2.3
2.0
I
OH = –2 mA
3.0
2.48
I
OH = –6 mA
4.5
3.8
I
OH = –12 mA
V
OL
Min to
Max
0.1
I
OL = 50 µA
2.3
0.4
I
OL = 2 mA
3.0
0.44
I
OL = 6 mA
4.5
0.55
I
OL = 12 mA
Input current
I
IN
0 to 5.5
±1
µAV
I = 5.5 V or GND
Quiescent
supply current
I
CC
5.5
20
µAV
I = VCC or GND, IO = 0
Output leakage
current
I
OFF
0—
5
µAV
I or VO = 0 V to 5.5 V
Input
capacitance
C
IN
3.3
1.4
pF
V
I = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn