Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV174A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74LV174A
Description  Hex D-type Flip-Flops with Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV174A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV174A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV174A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HD74LV174A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Maxi-
mum
clock
fre-
quency
fmax
55
115
50
MHz
C
L = 15 pF
45
90
40
C
L = 50 pF
Propa-
gation
delay
time
t
PLH / tPHL
8.4
17.1
1.0
19.0
ns
C
L = 15 pF
CLK
Q
10.8
20.6
1.0
23.0
C
L = 50 pF
t
PHL
6.3
17.3
1.0
19.5
C
L = 15 pF
CLR
8.2
21.9
1.0
23.5
C
L = 50 pF
Setup
time
t
SU
8.5
9.5
ns
Data before CLK
4.0
4.0
CLR inactive before
CLK
Hold
time
t
h
–0.5
0.0
ns
Data after CLK
Pulse
width
t
W
6.0
6.5
ns
CLR L
7.0
7.0
CLK H or L


Similar Part No. - HD74LV174A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV175A HITACHI-HD74LV175A Datasheet
66Kb / 15P
   Quad. D-type Flip-Flops with Clear
More results

Similar Description - HD74LV174A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com