Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV165A Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part No. HD74LV165A
Description  Parallel-Load 8-bit Shift Register
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV165A Datasheet(HTML) 9 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HD74LV165A
9
Switching Characteristics (cont)
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Maximum
clock
fre
quency
fmax
110
165
90
MHz
C
L = 15 pF
95
125
85
C
L = 50 pF
Propa-
gation
delay time
t
PLH/tPHL
6.0
9.9
1.0
11.5
ns
C
L = 15 pF
SH/
LD
Q
H or QH
7.7
11.9
1.0
13.5
C
L = 50 pF
6.0
9.9
1.0
11.5
C
L = 15 pF
CLK
7.7
11.9
1.0
13.5
C
L = 50 pF
6.0
9.0
1.0
10.5
C
L = 15 pF
H
7.6
11.0
1.0
12.5
C
L = 50 pF
Setup time
t
su
3.5
3.5
ns
CLK INH before CLK
5.0
5.0
data before SH/
LD
4.0
4.0
ns
SH/
LD high before CLK
4.0
4.0
SER before CLK
Hold time
t
h
1.0
1.0
ns
PAR data after SH/
LD
0.5
0.5
SER data after CLK
0.5
0.5
SH/
LD high atfer CLK
Pulse
width
t
w
5.0
6.0
ns
SH/
LD low
4.0
4.0
CLK H or L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn