Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S100X150VAC Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # S100X150VAC
Description  PHYSICAL INFRASTRUCTURE SYSTEMS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

S100X150VAC Datasheet(HTML) 1 Page - PANDUIT CORP.

  S100X150VAC Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
P1Self-Laminating Label Cassettes for PanTherLS8E Hand-Held
Thermal Transfer Printer
• P1Label Cassette contains an integrated
memory device for automatic formatting,
recall of last legend used, and number of
labels remaining in the cassette
• Fast loading label cassette includes both
label material and ribbon to make
changing labels easy
• Self-laminating adhesive labels for
wire/cable identification include a colored
print-on area and clear overlaminate
Order number of cassettes required.
Other colors available, replace A with B (Blue), D (Green), H (Red), and I (Yellow).
Part Number
Part Description
Width
Length
Print-On
Height
Min. Cable
O.D.
Max. Cable
O.D.
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S050X075VAC
White print-on area, vinyl label for
18 – 14 AWG wires, 450/cassette.
0.50
12.7
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
1
10
S050X125VAC
White print-on area, vinyl label for
12 – 10 AWG wire/cable and
Category 3 UTP cable, 225/cassette.
0.50
12.7
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
1
10
S050X150VAC
White print-on area, vinyl label for
10 – 6 AWG wire/cable, Category
5e/6/6A UTP and Category 5e FTP
cable, 200/cassette.
0.50
12.7
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
1
10
S075X075VAC
White print-on area, vinyl label for
18 – 14 AWG wires, 350/cassette.
0.75
19.1
0.75
19.1
0.25
6.4
0.08
2.0
0.16
8.1
1
10
S075X100VAC
White print-on area, vinyl label for
12 – 10 AWG wires, 275/cassette.
0.75
19.1
1.00
25.4
0.38
9.65
0.12
3.1
0.16
4.0
1
10
S075X125VAC
White print-on area, vinyl label for
12 – 10 AWG wire/cable and
Category 3 UTP cable, 225/cassette.
0.75
19.1
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
1
10
S075X150VAC
White print-on area, vinyl label for
10 – 6 AWG wire/cable, Category
5e/6/6A UTP and Category 5e FTP
cable, 200/cassette.
0.75
19.1
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
1
10
S100X075VAC
White print-on area, vinyl label for
18 – 14 AWG wires, 350/cassette.
1.00
25.4
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
1
10
S100X125VAC
White print-on area, vinyl label for
12 – 10 AWG wire/cable Category 3
UTP cable, 225/cassette.
1.00
25.4
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
1
10
S100X150VAC*
White print-on area, vinyl label for
10 – 6 AWG wire/cable, Category
5e/6/6A UTP and Category 5e FTP
cable, 200/cassette.
1.00
25.4
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
1
10
S100X160VAC
White print-on, self-laminating vinyl
label 175/cassette. For use with
NWSLC-2Y and NWSLC-3Y.
1.00
25.4
1.60
40.6
0.80
20.3
0.25
6.4
0.25
6.4
1
10
S100X220VAC
White print-on, self-laminating vinyl
label, 125/cassette. For use with
NWSLC-7Y.
1.00
25.4
2.20
55.9
1.10
27.9
0.48
12.2
0.48
12.2
1
10
S100X225VAC*
White print-on area, vinyl label for
8 – 4 AWG wire/cable, Category 6
FTP and Category 6A/10Gig cable,
125/cassette.
1.00
25.4
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.2
1
10
S100X400VAC
White print-on area, vinyl label for
2 – 1 AWG wires, 75/cassette.
1.00
25.4
4.00
101.6
1.00
25.4
0.32
8.1
0.95
24.3
1
10
S100X650VAC
White print-on area, vinyl label for
1/0-250 MCM wires, 50/cassette.
1.00
25.4
6.50
165.1
1.50
38.1
0.48
12.2
1.59
40.4
1
10


Similar Part No. - S100X150VAC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S100X150VAC PANDUIT-S100X150VAC Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
More results

Similar Description - S100X150VAC

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S100X400VADY PANDUIT-S100X400VADY Datasheet
138Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
CDE1 PANDUIT-CDE1 Datasheet
114Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
P2-38R-X PANDUIT-P2-38R-X Datasheet
452Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
GPB24-X PANDUIT-GPB24-X Datasheet
352Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
TM2S6-C PANDUIT-TM2S6-C Datasheet
130Kb / 1P
   PHYSICAL INFRASTRUCTURE SYSTEMS
logo
EPCOS
B39331B3807U310 EPCOS-B39331B3807U310 Datasheet
55Kb / 7P
   SAW filters for infrastructure systems
logo
TDK Electronics
B39931B4018Z810 TDK-B39931B4018Z810 Datasheet
97Kb / 6P
   SAW filters for infrastructure systems
B39171B3883Z710 TDK-B39171B3883Z710 Datasheet
157Kb / 6P
   SAW filters for infrastructure systems
B39171B3882Z710 TDK-B39171B3882Z710 Datasheet
158Kb / 6P
   SAW filters for infrastructure systems
logo
Advanced Micro Devices
AM79865 AMD-AM79865 Datasheet
805Kb / 17P
   PHYSICAL DATA TRANSMITTER/PHYSICAL DATA RECEIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com