Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F81M1-0CPGS-C3500 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSH-F81M1-0CPGS-C3500
Description  Shuen
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F81M1-0CPGS-C3500 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSH-F81M1-0CPGS-C3500 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F81M1-0CPGS-C3500 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1
Copyright © 2011, Everlight All Rights Reserved. Release Date: Jul.16.2013. Issue No: DHE-0000751
www.everlight.com
Introduction
The Shuen series is a surface-mount high-power
device featuring high brightness combined with a compact
size that is suitable for all kinds of lighting applications such as
general illumination, spot, signal, industrial and commercial
lighting. The thermal pad of this device is electrically isolated providing convenience in
thermal and electrical design. The Shuen series is one of the most promising devices
in Everlight’s high power product offering and is ready to face the challenges of today’s
Solid-State Lighting requirements.
Features
Applications
LM-80 Certified
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 1
RoHS compliant
Matches ANSI binning
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g. steps,
exit ways, etc.)
Exterior and Interior Automotive
Illumination
Agriculture Lighting
Shuen
1W Series
“Shuen [Xuan] is the English translation for the Chinese word meaning Bright and
Shiny. Both words are relevant descriptions of this Everlight LED series. The modern,
adaptive Chinese definition of the word represents that which is New, Extravagant, and
Highly Sought After.”


Similar Part No. - ELSH-F81M1-0CPGS-C3500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
1Mb / 40P
   Small package with high efficiency
ELSH-F81M1-0CPGS-C3500 EVERLIGHT-ELSH-F81M1-0CPGS-C3500 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F81M1-0CPGS-C3500

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F41Y1-0LPNM-AA3A5 EVERLIGHT-ELSH-F41Y1-0LPNM-AA3A5 Datasheet
2Mb / 45P
   Shuen
ELSH-F41Y1-0LPNM-AA4A6 EVERLIGHT-ELSH-F41Y1-0LPNM-AA4A6 Datasheet
2Mb / 45P
   Shuen
ELSH-F91M1-0VPGS-C3000 EVERLIGHT-ELSH-F91M1-0VPGS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91N1-0CPGS-C4000 EVERLIGHT-ELSH-F91N1-0CPGS-C4000 Datasheet
2Mb / 45P
   Shuen
ELSH-J41M3-0CPHS-D3500 EVERLIGHT-ELSH-J41M3-0CPHS-D3500 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPGS-D5700 EVERLIGHT-ELSH-J71C3-0CPGS-D5700 Datasheet
1Mb / 36P
   Shuen
ELSH-J71C3-0CPHS-D6500 EVERLIGHT-ELSH-J71C3-0CPHS-D6500 Datasheet
1Mb / 36P
   Shuen
ELSH-F91M1-0VPHS-C3000 EVERLIGHT-ELSH-F91M1-0VPHS-C3000 Datasheet
2Mb / 45P
   Shuen
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
ELSH-J31C1-0VPGS-C6500 EVERLIGHT-ELSH-J31C1-0VPGS-C6500 Datasheet
2Mb / 45P
   Shuen
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com