Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJX3007RTF Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FJX3007RTF
Description  NPN Epitaxial Silicon Transistor with Bias Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJX3007RTF Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FJX3007RTF Datasheet HTML 1Page - Fairchild Semiconductor FJX3007RTF Datasheet HTML 2Page - Fairchild Semiconductor FJX3007RTF Datasheet HTML 3Page - Fairchild Semiconductor FJX3007RTF Datasheet HTML 4Page - Fairchild Semiconductor FJX3007RTF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJX3007R Rev. 1.1.2
4
Physical Dimensions
Figure 5. 3-LEAD, SC70, EIAJ SC-70, 1.25 MM, WIDE (ACTIVE)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/MA/MAA03A.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packing_dwg/PKG-MAA03A_BK.pdf.
SC-70 3L (SOT-323)


Similar Part No. - FJX3007RTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3007R FAIRCHILD-FJX3007R Datasheet
43Kb / 4P
   Switching Application
logo
ON Semiconductor
FJX3007R ONSEMI-FJX3007R Datasheet
258Kb / 7P
   NPN Epitaxial Silicon Transistor
November 2013 Rev. 1.1.2
More results

Similar Description - FJX3007RTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJN3314RTA FAIRCHILD-FJN3314RTA Datasheet
173Kb / 6P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3101RMTF FAIRCHILD-FJV3101RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
FJX4006RTF FAIRCHILD-FJX4006RTF Datasheet
170Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com