Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV126A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74LV126A
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV126A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HD74LV126A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
7.1
13.0
1.0
15.5
ns
C
L = 15 pF
A
Y
9.2
16.5
1.0
18.5
C
L = 50 pF
Enable
time
t
ZH
t
ZL
7.4
13.0
1.0
15.5
ns
C
L = 15 pF
OE
Y
9.5
16.5
1.0
18.5
C
L = 50 pF
Disable
time
t
HZ
t
LZ
5.7
14.7
1.0
17.0
ns
C
L = 15 pF
OE
Y
8.1
18.2
1.0
20.5
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propa-
gation
delay
time
t
PLH
t
PHL
5.0
8.0
1.0
9.5
ns
C
L = 15 pF
A
Y
6.4
11.5
1.0
13.0
C
L = 50 pF
Enable
time
t
ZH
t
ZL
5.1
8.0
1.0
9.5
ns
C
L = 15 pF
OE
Y
6.6
11.5
1.0
13.0
C
L = 50 pF
Disable
time
t
HZ
t
LZ
4.4
9.7
1.0
11.5
ns
C
L = 15 pF
OE
Y
6.1
13.2
1.0
15.0
C
L = 50 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn