Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV126A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74LV126A
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LV126A Datasheet(HTML) 4 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HD74LV126A
4
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
2.0
5.5
V
Input voltage range
V
I
0
5.5
V
Output voltage range
V
O
0V
CC
V
H or L
0
5.5
High impedance state
Output current
I
OH
–50
µAV
CC = 2.0 V
—–2
mA
V
CC = 2.3 to 2.7 V
—–8
V
CC = 3.0 to 3.6 V
–16
V
CC = 4.5 to 5.5 V
I
OL
—50
µAV
CC = 2.0 V
2
mA
V
CC = 2.3 to 2.7 V
—8
V
CC = 3.0 to 3.6 V
—16
V
CC = 4.5 to 5.5 V
Input transition rise or fall rate
∆t /∆v
0
200
ns/V
V
CC = 2.3 to 2.7 V
0
100
V
CC = 3.0 to 3.6 V
020
V
CC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
1Y
2Y
3Y
4Y
4A
4OE
3A
3OE
1A
1OE
2A
2OE
3
1
2
4
5
10
9
13
12
6
8
11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn