Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV125A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LV125A
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV125A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LV125A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV125A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
HD74LV125A
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 7.0
V
Input voltage range*
1
V
I
–0.5 to 7.0
V
Output voltage range*
1, 2
V
O
–0.5 to V
CC + 0.5
V
Output: H or L
–0.5 to 7.0
V
CC: OFF or Output: Z
Input clamp current
I
IK
–20
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±35
mA
V
O = 0 to VCC
Continuous current through
V
CC or GND
I
CC or IGND
±70
mA
Maximum power dissipation
at Ta = 25
°C (in still air)*3
P
T
785
mW
SOP
500
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150
°C.


Similar Part No. - HD74LV125A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125AFPEL RENESAS-HD74LV125AFPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125AFPEL RENESAS-HD74LV125AFPEL Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ARPEL RENESAS-HD74LV125ARPEL Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125ARPEL RENESAS-HD74LV125ARPEL Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

Similar Description - HD74LV125A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com