Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC20-252K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RFC20-252K-RC
Description  Radial Flat Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RFC20-252K-RC Datasheet(HTML) 1 Page - Allied Components International

  RFC20-252K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOMINAL
Features
• Radial leaded for easy P.C.B. mounting.
• Narrow Design ideal for densely
populated boards.
• Wide range of inductance values.
• Non-standard values available upon
request.
Electrical
Tolerance: ±10% on all values.
Testing: Inductance and Q measured on
HP4342A at specified frequency.
Operating Temp. Range: -20° to +100°C.
Physical
Marking (On Part): 4 Dot EIA Code.
Packaging: 250 pieces per bag.
RFC20-1R0K-RC
1.0
10
37
7.9
.015
7.0
RFC20-1R2K-RC
1.2
10
39
7.9
.012
6.0
RFC20-1R5K-RC
1.5
10
35
7.9
.014
5.0
RFC20-1R8K-RC
1.8
10
37
7.9
.020
4.8
RFC20-2R2K-RC
2.2
10
37
7.9
.025
4.4
RFC20-2R7K-RC
2.7
10
43
7.9
.028
4.0
RFC20-3R3K-RC
3.3
10
35
7.9
.036
3.7
RFC20-3R9K-RC
3.9
10
37
7.9
.050
3.4
RFC20-4R7K-RC
4.7
10
37
7.9
.053
3.2
RFC20-5R6K-RC
5.6
10
38
7.9
.092
2.8
RFC20-6R8K-RC
6.8
10
29
7.9
.113
2.6
RFC20-8R2K-RC
8.2
10
32
7.9
.116
2.2
RFC20-100K-RC
10
10
80
7.9
.119
2.1
RFC20-120K-RC
12
10
40
2.5
.140
2.0
RFC20-150K-RC
15
10
40
2.5
.158
1.6
RFC20-180K-RC
18
10
40
2.5
.180
1.6
RFC20-220K-RC
22
10
40
2.5
.230
1.4
RFC20-270K-RC
27
10
50
2.5
.300
1.3
RFC20-330K-RC
33
10
45
2.5
.346
1.2
RFC20-390K-RC
39
10
45
2.5
.371
1.1
RFC20-470K-RC
47
10
45
2.5
.502
1.03
RFC20-560K-RC
56
10
40
2.5
.687
.95
RFC20-680K-RC
68
10
40
2.5
.808
.90
RFC20-820K-RC
82
10
50
2.5
1.450
.86
RFC20-101K-RC
100
10
80
2.5
1.160
.70
RFC20-121K-RC
120
10
70
.79
1.725
.65
RFC20-151K-RC
150
10
70
.79
1.855
.60
RFC20-181K-RC
180
10
70
.79
2.070
.58
RFC20-221K-RC
220
10
50
.79
2.105
.49
RFC20-271K-RC
270
10
50
.79
2.700
.45
RFC20-331K-RC
330
10
50
.79
3.335
.41
RFC20-391K-RC
390
10
45
.79
3.450
.39
RFC20-471K-RC
470
10
40
.79
5.290
.35
RFC20-561K-RC
560
10
40
.79
5.405
.32
RFC20-681K-RC
680
10
45
.79
5.930
.29
RFC20-821K-RC
820
10
40
.79
6.325
.27
RFC20-102K-RC
1000
10
70
.79
8.600
.21
RFC20-122K-RC
1200
10
70
.25
10.00
.21
RFC20-152K-RC
1500
10
62
.25
14.26
.19
RFC20-182K-RC
1800
10
62
.25
15.75
.17
RFC20-222K-RC
2200
10
60
.25
17.70
.15
RFC20-272K-RC
2700
10
60
.25
19.10
.14
RFC20-332K-RC
3300
10
50
.25
21.74
.13
RFC20-392K-RC
3900
10
50
.25
26.00
.12
RFC20-472K-RC
4700
10
50
.25
28.90
.11
RFC20-562K-RC
5600
10
30
.25
32.00
.10
RFC20-682K-RC
6800
10
23
.25
45.00
.07
RFC20-822K-RC
8200
10
23
.25
57.00
.07
RFC20-103K-RC
10000
10
25
.25
70.00
.07
Allied
Part
Number
Rated
Current
(A)
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(Ω)
All specifications subject to change without notice.
RFC20 Radial Flat Coils
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
24AWG
0.40
(10.16)
MAX.
0.35±0.05
(8.89±1.27)
0.15±0.05
(3.81±1.27)
Dimensions:
Inches
(mm)
1.0
(25)
Rated Current: Based on T= 20ºC
temperature rise.
Marking (On Reel): Manufacturers
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
RFC20-2R5K-RC
2.5
10
40
7.9
.030
4.1
RFC20-752K-RC
7500
10
25
.25
50.00
.08
RFC20-602K-RC
6000
10
35
.25
31.00
.10
RFC20-252K-RC
2500
10
60
.25
18.00
.14
RFC20-751K-RC
750
10
30
.79
6.200
.28
RFC20-501K-RC
500
10
35
.79
5.350
.34
RFC20-251K-RC
250
10
40
.79
2.500
.49
RFC20-750K-RC
75
10
40
2.5
1.200
.86
RFC20-250K-RC
25
10
50
2.5
.285
1.3
RFC20-7R6K-RC
7.6
10
30
7.9
.110
2.5
RFC20-5R0K-RC
5.0
10
40
7.9
.080
2.9
0.35±0.05
(8.89±1.27)
REVISED 08/09/08
Inductance Range: 1.0µh to 10,000µh


Similar Part No. - RFC20-252K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RFC20-252K-RC ALLIED-RFC20-252K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
More results

Similar Description - RFC20-252K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
Pulse A Technitrol Comp...
PG0434.181NL PULSE-PG0434.181NL Datasheet
242Kb / 2P
   Flat Coils
PG0277.401NL PULSE-PG0277.401NL Datasheet
88Kb / 2P
   Flat Coils
PG0006.601NL PULSE-PG0006.601NL Datasheet
215Kb / 2P
   Flat Coils
logo
ECM Electronics Limited...
RC0910 ECM-RC0910 Datasheet
66Kb / 3P
   Flat Radial Coil
logo
Central Technologies
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
   Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
   Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
   Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com