Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAC20-4-RC Datasheet(PDF) 1 Page - Allied Components International

Part # SMAC20-4-RC
Description  Surface Mount Air Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMAC20-4-RC Datasheet(HTML) 1 Page - Allied Components International

  SMAC20-4-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Air Core Inductors
SMAC20 & 30
2.5
5.0
8.0
12.5
18.5
17.5
22.0
28.0
35.5
43.0
145
140
140
137
132
100
102
105
112
106
1.1
1.8
2.6
3.4
3.9
4.5
5.2
6.0
6.8
7.9
4
4
4
4
4
4
4
4
4
4
Allied
Part
Number
SMAC20-1K-RC
SMAC20-2K-RC
SMAC20-3( )-RC
SMAC20-4( )-RC
SMAC20-5( )-RC
SMAC30-6( )-RC
SMAC30-7( )-RC
SMAC30-8( )-RC
SMAC30-9( )-RC
SMAC30-10( )-RC
1
2
3
4
5
6
7
8
9
10
Turns
Inductance
(nh)
Q
Min.
DCR
Max.
(mΩ)
IDC
A
(Max.)
To complete part number insert tolerance designator: G=±2%, J=±5%, K=±10%
Nominal Footprint
SMAC30
SMAC20
Tinned Length
90
°
Max.
0
°
Min.
SMAC20
SMAC30
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
0.023±0.115
(0.58±.38)
0.145
(3.68)
0.270
(6.86)
0.120
(3.05)
0.120
(3.05)
0.125
(3.18)
0.125
(3.18)
0.115±0.01
(2.92±.25)
0.023±0.015
(0.58±.36)
0.230±0.010
(5.84±0.25)
Dimensions:
Inches
(mm)
150
150
150
150
150
150
150
150
150
150
Test
Freq.
(MHz)
12.5
6.5
5.0
3.3
2.5
2.2
2.1
1.8
1.5
1.2
SRF
Min.
(GHz)
0.110
(2.79)
0.110
(2.79)
0.130
(3.30)
0.130
(3.30)
0.050
(1.27)
0.050
(1.27)
0.065
(1.65)
0.185
(4.70)
All specifications subject to change without notice.
Features
• High SRF’s for high frequency applications
Flat top cap for pick and place assembly
• High current capability
• Excellent for high Q applications
Electrical
Impedance range: 2.5nH to 43nH
Tolerance: 2.5nH & 5.0nH 10%, 5.0nH to 43nH
Operating Temp: -40ºC to +125ºC
Test Frequency: 150Mhz
available in 5%, 8nH to 43nH available in 2%
Test Equipment
(SRF):
HP8753E or HP8720D
(L/Q): HP4291B with HP16193
Physical
Packaging: 2200 pieces per 13” reel
Marking: None
REVISED 10/01/10


Similar Part No. - SMAC20-4-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMAC20-4-RC ALLIED-SMAC20-4-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
More results

Similar Description - SMAC20-4-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMAC20-1-RC ALLIED-SMAC20-1-RC Datasheet
299Kb / 1P
   Surface Mount Air Core Inductors
SMAC25 ALLIED-SMAC25 Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22NJ-RC ALLIED-SMAC25-22NJ-RC Datasheet
669Kb / 1P
   Surface Mount Air Core Inductors
SMAC20-1K-RC ALLIED-SMAC20-1K-RC Datasheet
398Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-15 ALLIED-SMAC10-15 Datasheet
408Kb / 1P
   Surface Mount Air Core Inductors
SMAC25-22G-RC ALLIED-SMAC25-22G-RC Datasheet
662Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2-RC ALLIED-SMAC10-2-RC Datasheet
316Kb / 1P
   Surface Mount Air Core Inductors
SMAC10-2K-RC ALLIED-SMAC10-2K-RC Datasheet
400Kb / 1P
   Surface Mount Air Core Inductors
SMAC60 ALLIED-SMAC60 Datasheet
1Mb / 1P
   Surface Mount Air Core Inductor
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com