Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVC1-3-4R7L Datasheet(PDF) 1 Page - Allied Components International

Part # RVC1-3-4R7L
Description  VERTICAL MOUNT POWER CHOKE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RVC1-3-4R7L Datasheet(HTML) 1 Page - Allied Components International

  RVC1-3-4R7L Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VERTICAL MOUNT POWER CHOKE
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
9/23/2013
RVC1
.65/16.5
.65/16.5
.65/16.5
.62/15.7
.62/15.7
.62/15.7
.63/16.0
.62/15.7
.70/17.8
.62/15.7
.62/15.7
.70/17.8
.65/16.5
.90/22.9
.90/22.9
.90/22.9
.90/22.9
.63/18.0
1.1/27.9
1.7/27.9
RVC1-15-1R5L
RVC1-10-1R8L
RVC1-15-1R8L
RVC1-3-4R7L
RVC1-5-4R7L
RVC1-10-4R7L
RVC1-3-100K
RVC1-5-100K
RVC1-10-150K
RVC1-3-220K
RVC1-5-220K
RVC1-10-220K
RVC1-3-470K
RVC1-5-470K
RVC1-10-470K
RVC1-3-101K
RVC1-5-101K
RVC1-3-181K
RVC1-5-301K
RVC1-5-391K
1.5±15%
1.8±15%
1.8±15%
4.7±15%
4.7±15%
4.7±15%
10±10%
10±10%
15±10%
22±10%
22±10%
22±10%
47±10%
47±10%
47±10%
100±10%
100±10%
180±10%
300±10%
390±10%
18.2
18.2
19.3
7.5
9.1
11.8
6.0
7.1
11.8
5.5
6.9
10.4
5.3
6.3
8.2
3.4
4.9
2.8
3.4
3.0
0.003
0.006
0.003
0.021
0.012
0.012
0.026
0.020
0.020
0.035
0.018
0.050
0.033
0.022
0.072
0.055
0.150
0.160
0.190
.90/22.9
1.1/27.9
1.1/27.9
.85/21.6
.85/21.6
1.1/27.9
.85/21.6
.85/21.6
1.4/35.6
1.1/27.9
1.1/27.9
1.2/30.5
1.4/35.6
1.3/33.1
1.4/35.6
1.3/33.1
1.4/35.6
1.2/30.5
1.0/25.4
1.0/25.4
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.42/10.7
.70/17.8
.70/17.8
.70/17.8
.70/17.8
.42/10.7
.70/17.8
.70/17.8
.068/1.73
.054/1.37
.068/1.73
.035/0.89
.042/1.07
.054/1.37
.035/0.89
.042/1.07
.060/1.52
.035/0.89
.042/1.07
.060/1.52
.035/0.89
.042/1.07
.060/1.52
.035/.089
.042/1.07
.028/0.71
.038/0.97
.038/0.97
Allied
Part
Number
L
(
µh)
(Amps)
DCR
Max
A
Max
B
Max
C
D
All specifications subject to change without notice.
Rated Current
.63/16.0
RVC1-10-100K
10±10%
10.9
0.013
1.1/27.9
.42/10.7 .054/1.37
(Ohm)
0.023
High Current
High Temp Range
Shrink Tubing Optional
Features
Electrical
Inductance Range: 1.5uh to 390uh
Physical
Packaging: Bulk
Tolerance: 15% from 1.5uH to 4.7uh,
10% from 10uH to 390uh
Test Frequency: 15.75Khz
Rated Current: Based on Inductance drop
of not more than < 10% of initial value
Operating Temp: -55ºC to + 125ºC
Marking: EIA Inductance Code
Low DC Resistance
Insulated Base
Various sizes and Values Available
Test Equipment
(L): CH-100, 1KHz LCR Meter
(RDC): CH-301 Current source and DCR
Meter
(IDC): 10 Sec ± 1 sec.
Dimensions:
Inches
(mm)


Similar Part No. - RVC1-3-4R7L

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RVC1206 SEI-RVC1206 Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
RVC1206FT100M SEI-RVC1206FT100M Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
RVC1206FT10K0 SEI-RVC1206FT10K0 Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
RVC1206FT10M0 SEI-RVC1206FT10M0 Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
RVC1206FT10R0 SEI-RVC1206FT10R0 Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
More results

Similar Description - RVC1-3-4R7L

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMPC5832-1R0L-RC ALLIED-SMPC5832-1R0L-RC Datasheet
438Kb / 1P
   Surface Mount Power Choke
SMPC3825 ALLIED-SMPC3825 Datasheet
333Kb / 1P
   Surface Mount Power Choke
SMPC7832 ALLIED-SMPC7832 Datasheet
443Kb / 1P
   Surface Mount Power Choke
SMPC7832-1R0L-RC ALLIED-SMPC7832-1R0L-RC Datasheet
439Kb / 1P
   Surface Mount Power Choke
SMPC3825-1R0L-RC ALLIED-SMPC3825-1R0L-RC Datasheet
332Kb / 1P
   Surface Mount Power Choke
SMPC5832 ALLIED-SMPC5832 Datasheet
438Kb / 1P
   Surface Mount Power Choke
logo
API Delevan
SDS850R API-SDS850R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS130R API-SDS130R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
SDS680R API-SDS680R Datasheet
1Mb / 1P
   Surface Mount Shielded Power Choke
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com