Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV06A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74LV06A
Description  Hex Inverter Buffers / Drivers with Open Drain Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV06A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74LV06A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV06A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HD74LV06A
6
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
4.7
10.4
1.0
13.0
ns
C
L = 15 pF
A
Y
delay time
9.5
15.2
1.0
18.0
C
L = 50 pF
t
PHL
5.4
10.4
1.0
13.0
C
L = 15 pF
7.9
15.2
1.0
18.0
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
4.0
7.1
1.0
8.5
ns
C
L = 15 pF
A
Y
delay time
7.3
10.6
1.0
12.0
C
L = 50 pF
t
PHL
4.3
7.1
1.0
8.5
C
L = 15 pF
5.8
10.6
1.0
12.0
C
L = 50 pF
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
3.3
5.5
1.0
6.5
ns
C
L = 15 pF
A
Y
delay time
5.6
7.5
1.0
8.5
C
L = 50 pF
t
PHL
3.4
5.5
1.0
6.5
C
L = 15 pF
4.1
7.5
1.0
8.5
C
L = 50 pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn