Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB1010-681K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # RB1010-681K-RC
Description  Radial Bobbin Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB1010-681K-RC Datasheet(HTML) 1 Page - Allied Components International

  RB1010-681K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
20
19
16
15
12
11
10.3
9.5
8.6
7.5
7.0
7.0
6.0
5.0
5.0
4.3
4.0
3.5
3.0
3.0
2.3
2.0
2.0
2.0
1.6
1.4
1.3
1.3
1.2
1.0
RB1010-100K-RC
RB1010-120K-RC
RB1010-150K-RC
RB1010-180K-RC
RB1010-220K-RC
RB1010-270K-RC
RB1010-330K-RC
RB1010-390K-RC
RB1010-470K-RC
RB1010-560K-RC
RB1010-680K-RC
RB1010-820K-RC
RB1010-101K-RC
RB1010-121K-RC
RB1010-151K-RC
RB1010-181K-RC
RB1010-221K-RC
RB1010-271K-RC
RB1010-331K-RC
RB1010-391K-RC
RB1010-471K-RC
RB1010-561K-RC
RB1010-681K-RC
RB1010-821K-RC
RB1010-102K-RC
RB1010-122K-RC
RB1010-152K-RC
RB1010-182K-RC
RB1010-222K-RC
RB1010-272K-RC
RB1010-332K-RC
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
RB1010 Radial Bobbin Inductors
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.023
0.025
0.028
0.030
0.042
0.046
0.055
0.075
0.082
0.090
0.120
0.140
0.150
0.210
0.245
0.300
0.360
0.490
0.540
0.620
0.810
0.92
1.20
1.35
1.45
2.10
2.40
3.50
4.10
5.20
6.00
6.10
5.60
5.00
4.60
4.10
3.70
3.40
3.10
2.80
2.60
2.30
2.10
1.90
1.75
1.60
1.45
1.30
1.20
1.10
1.00
0.90
0.80
0.75
0.68
0.60
0.55
0.50
0.45
0.41
0.37
0.34
4.20
4.00
3.75
3.50
3.30
3.00
2.80
2.60
2.40
2.20
2.00
1.90
1.70
1.60
1.50
1.40
1.30
1.20
1.00
0.90
0.80
0.70
0.60
0.55
0.50
0.47
0.44
0.41
0.38
0.35
0.32
6.00
5.70
5.40
5.00
4.70
4.40
4.10
3.80
3.50
3.20
2.80
2.50
2.20
2.10
1.90
1.80
1.70
1.60
1.40
1.30
1.20
1.05
0.93
0.80
0.67
0.63
0.59
0.55
0.50
0.47
0.43
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
Irms (A)
40ºC Rise
All specifications subject to change without notice.
Small Foot Print.
Extensive Inductance Range
UL Polyolefin Tubing
Features
Electrical
Inductance Range: 10 uh ~ 18,000uh
Physical
Packaging: 600 pieces per bag.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
0.9
RB1010-392K-RC
3900
10
7.00
0.31
0.29
0.39
Tolerance: 10% over entire range.
Test Frequency: 100KHz, .01V
Irms: Current at which the temperature
Marking: EIA Inductance Code
09/17/10
Isat
(A)
20ºC Rise
.433
(11.0)
MAX.
.453
(11.5)
MAX.
.197±.039
(5.00±1.0)
.236±.020
(6.00±0.5)
.031±.002
(0.80±0.05)
Operating Temperature: -55ºC to +
Isat: Based on Inductance change by
no more than 10% of initial value.
of the part will increase by 20º and 40º
as shown from 25º ambient.
Under no circumstances should the
temperature of the part increase to more
than 125ºC
Test Equipment
Inductance: HP4284A.
DCR: CH-301 Current Source & DCR
Meter
Current: CH-301 Current Source & DCR
SRF: 9461L
Meter
125ºC.
0.8
0.8
0.7
0.6
0.6
0.5
0.5
RB1010-472K-RC
RB1010-562K-RC
RB1010-682K-RC
RB1010-822K-RC
RB1010-103K-RC
RB1010-123K-RC
RB1010-153K-RC
4700
5600
6800
8200
10000
12000
15000
10
10
10
10
10
10
10
8.50
10.0
13.0
15.8
19.0
22.0
29.0
0.28
0.26
0.23
0.21
0.19
0.17
0.16
0.25
0.23
0.19
0.16
0.13
0.12
0.11
0.35
0.30
0.26
0.22
0.18
0.17
0.15
0.4
RB1010-183K-RC
18000
10
33.0
0.14
0.10
0.13


Similar Part No. - RB1010-681K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB1010-681K-RC ALLIED-RB1010-681K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB1010-681K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RB40 ALLIED-RB40 Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC Datasheet
836Kb / 1P
   Radial Bobbin Inductors
RB30-1R0K-RC ALLIED-RB30-1R0K-RC_10 Datasheet
839Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC_10 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
RB0807 ALLIED-RB0807 Datasheet
383Kb / 1P
   Radial Bobbin Inductors
RB20-101K-RC ALLIED-RB20-101K-RC Datasheet
781Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB0810 ALLIED-RB0810 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB40-101K-RC ALLIED-RB40-101K-RC Datasheet
753Kb / 1P
   Radial Bobbin Inductors
RB0810-100K-RC ALLIED-RB0810-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB20 ALLIED-RB20 Datasheet
795Kb / 1P
   Radial Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com