Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV05A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part No. HD74LV05A
Description  Hex Inverters with Open Drain Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV05A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV05A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LV05A
7
Operating Characteristics
• C
L = 50 pF
Ta = 25
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test Conditions
Power
dissipation
capacitance
C
PD
3.3
9.6
pF
f = 10 MHz
5.0
11.4
Noise Characteristics
• C
L = 50 pF
Ta = 25
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output,
maximum
dynamic V
OL
V
OL (P)
3.3
0.3
0.8
V
Quiet output,
minimum
dynamic V
OL
V
OL (V)
3.3
–0.1
–0.8
High-level
dynamic
input voltage
V
IH (D)
3.3
2.31
V
Low-level
dynamic
input voltage
V
IL (D)
3.3
0.99


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HD74HC05 Hex Inverters with Open Drain Outputs 1  2  3  4  5  More Hitachi Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor
MC74LCX06 Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN54LV07A HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS 1  2  3  4  5  More Texas Instruments
54AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  5  More National Semiconductor (TI)
MC74LCX07 Low-Voltage CMOS Hex Buffer with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
TC74LCX07FT Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn