Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV05A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74LV05A
Description  Hex Inverters with Open Drain Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV05A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LV05A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV05A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LV05A
4
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
V
CC
2.0
5.5
V
Input voltage range
V
I
0
5.5
V
Output voltage range
V
O
0
5.5
V
Output current
I
OL
—50
µAV
CC = 2.0 V
2
mA
V
CC = 2.3 to 2.7 V
—6
V
CC = 3.0 to 3.6 V
—12
V
CC = 4.5 to 5.5 V
Input transition rise or fall rate
∆t/∆v
0
200
ns/V
V
CC = 2.3 to 2.7 V
0
100
V
CC = 3.0 to 3.6 V
020
V
CC = 4.5 to 5.5 V
Operating free-air temperature
Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.
Logic Diagram
A
Y


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HD74HC05 Hex Inverters with Open Drain Outputs 1  2  3  4  5  More Hitachi Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor
MC74LCX06 Low-Voltage CMOS Hex Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX07 Low Voltage Hex Buffer with Open Drain Outputs 1  2  3  4  5  More Fairchild Semiconductor
SN54LV07A HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS 1  2  3  4  5  More Texas Instruments
54AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  5  More National Semiconductor (TI)
MC74LCX07 Low-Voltage CMOS Hex Buffer with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
TC74LCX07FT Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs open drain 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn