Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV04A Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part No. HD74LV04A
Description  Hex Inverters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV04A Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD74LV04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 11Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 12Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HD74LV04A
11
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.42
± 0.08
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
0.40
± 0.06


Similar Part No. - HD74LV04A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74LV04A RENESAS-HD74LV04A Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
89Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LV04A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
Diodes Incorporated
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
Texas Instruments
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
Renesas Technology Corp
Renesas Technology Corp
HD74LVC04 RENESAS-HD74LVC04 Datasheet
176Kb / 6P
   Hex Inverters
Hitachi Semiconductor
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz