Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV04A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74LV04A
Description  Hex Inverters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV04A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74LV04A Datasheet HTML 1Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 2Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HD74LV04A
Hex Inverters
ADE-205-242 (Z)
1st Edition
March 1999
Description
The HD74LV04A has six imverters in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook
computers), and the low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Input A
Output Y
HL
LH
Note:
H: High level
L: Low level


Similar Part No. - HD74LV04A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74LV04A RENESAS-HD74LV04A Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
89Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LV04A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
Diodes Incorporated
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
Texas Instruments
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
Renesas Technology Corp
Renesas Technology Corp
HD74LVC04 RENESAS-HD74LVC04 Datasheet
176Kb / 6P
   Hex Inverters
Hitachi Semiconductor
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz