Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV04A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part No. HD74LV04A
Description  Hex Inverters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV04A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV04A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV04A Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HD74LV04A
7
Switching Characteristics
• V
CC = 2.5 ± 0.2 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
8.0
11.7
1.0
14.0
ns
C
L = 15 pF
A
Y
delay time
t
PHL
11.2
15.5
1.0
18.0
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
5.6
7.1
1.0
8.5
ns
C
L = 15 pF
A
Y
delay time
t
PHL
8.0
10.6
1.0
12.0
C
L = 50 pF
• V
CC = 5.0 ± 0.5 V
Ta = 25
°C
Ta = –40 to 85
°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation
t
PLH
3.8
5.5
1.0
6.5
ns
C
L = 15 pF
A
Y
delay time
t
PHL
5.5
7.5
1.0
8.5
C
L = 50 pF


Similar Part No. - HD74LV04A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74LV04A RENESAS-HD74LV04A Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04AFPEL RENESAS-HD74LV04AFPEL Datasheet
89Kb / 10P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LV04ARPEL RENESAS-HD74LV04ARPEL Datasheet
89Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LV04A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
Diodes Incorporated
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
Texas Instruments
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
Renesas Technology Corp
Renesas Technology Corp
HD74LVC04 RENESAS-HD74LVC04 Datasheet
176Kb / 6P
   Hex Inverters
Hitachi Semiconductor
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz