Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SE011
Description  PT-100 Temperature Sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SE011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SE011 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE011 Datasheet HTML 2Page - List of Unclassifed Manufacturers SE011 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pico Technology
PT-100 Temperature Sensors
Platinum resistance
thermometers (PRTs)
offer excellent accuracy
over a wide
temperature range
(from -200 to 850 °C).
Sensors are
interchangeable
between different
manufacturers, and are
available in various
accuracy ratings and
packages to suit most
applications. Unlike
thermocouples, it is not
necessary to use special
cables to connect to the
sensor.
Pico Technology supplies a range of Class A sensors (±0.15 at 0 °C) and tenth-DIN sensors (±0.03 at 0 °
C). Specialist manufacturers can provide sensors with 0.001 at 0 °C accuracy (at a price). Please note that
these accuracy specifications relate to the SENSOR ONLY. It is necessary to add the sensor error to the PT-
104 error.
Class A and Tenth-DIN PT100 Probes


Similar Part No. - SE011

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
SE011 PICO-SE011 Datasheet
6Mb / 9P
   High-accuracy platinum resistance data logger
logo
AVX Corporation
SE011C107KAA AVX-SE011C107KAA Datasheet
76Kb / 2P
   SMPS Capacitors (SE Style)
SE011C107KAR AVX-SE011C107KAR Datasheet
76Kb / 2P
   SMPS Capacitors (SE Style)
SE011C107MAA AVX-SE011C107MAA Datasheet
76Kb / 2P
   SMPS Capacitors (SE Style)
SE011C107MAR AVX-SE011C107MAR Datasheet
76Kb / 2P
   SMPS Capacitors (SE Style)
More results

Similar Description - SE011

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
TR111V ZIEHL-TR111V Datasheet
269Kb / 1P
   Pt 100-Temperature-Relay Type TR111V
TR250 ZIEHL-TR250 Datasheet
337Kb / 1P
   Pt100-Temperature-Relay Type TR250 3 Sensors Pt 100 (RTD), Pt 1000, PTC or KTY, 3 Limits
logo
List of Unclassifed Man...
HD421 ETC2-HD421 Datasheet
143Kb / 1P
   HD 421 Pt 100-type platinum temperature sensors are characterized by long-term stability
logo
ZIEHL industrie-elektro...
TMU100V ZIEHL-TMU100V Datasheet
251Kb / 1P
   Measuring-Transducer for Temperature TMU100V for Pt 100 (RTD)
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com