Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR45-600-70 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PSR45-600-70
Description  PSR - The compact range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR45-600-70 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PSR45-600-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR45-600-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR45-600-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR45-600-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR45-600-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR45-600-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
10 | Softstarters
Softstarters | 11
PSR – The compact range
Accessories
PSLW
PSR45-MS450
PSR105-MS495
PSR30-MS132
Connection kit
Connection kit
For softstarter type
Part number
Packing
piece
Weight
kg (lb)
1 piece
PSR3...PSR16 with MS116
PSR16-MS116
1
0.030 (0.07)
PSR25...PSR30 with MS132
PSR30-MS132
1
0.030 (0.07)
PSR37...PSR45 with MS450
PSR45-MS450
1
0.030 (0.07)
PSR60...PSR105 with MS495
PSR105-MS495
1
0.050 (0.11)
Fan
For softstarter type
Part number
Packing
piece
Weight
kg (lb)
1 piece
PSR3...PSR45
PSR-FAN
1
0.010 (0.02)
PSR60...PSR105
PSR-FAN 60-105 A
1
0.013 (0.03)
Terminal enlargements
For softstarter type
Part number
Packing
piece
Weight
kg (lb)
1 piece
PSR60...105
Wire range mm2 1x10...50, 2x10...25
PSLW-72
1
0.150 (0.33)
FieldBus plug connection accessory
For softstarter type
Part number
Packing
piece
Weight
kg (lb)
1 piece
The same accessory for all sizes
PS-FBPA
1
0.060 (0.13)
ABB Field Bus Plug suitable for all sizes. See page 38-41
PSR-FAN 60-105 A
Thermal motor
overload protection
Short circuit
protection
Softstarter providing
excellent start and stop
Isolating function
Connection
device
PSR-FAN
PS-FBPA
PSR16-MS116


Similar Part No. - PSR45-600-70

ManufacturerPart #DatasheetDescription
logo
Rohm
PSR400 ROHM-PSR400 Datasheet
424Kb / 6P
   Ultra low ohmic Metal plate / High power type Shunt Resistors
PSR400 ROHM-PSR400 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR400ITQFB0L10 ROHM-PSR400ITQFB0L10 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR400ITQFB0L20 ROHM-PSR400ITQFB0L20 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
PSR400ITQFB0L27 ROHM-PSR400ITQFB0L27 Datasheet
1Mb / 17P
   High power metal plate shunt resistors
2023.2 - Rev.012
More results

Similar Description - PSR45-600-70

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS281 ISOCOM-IS281 Datasheet
751Kb / 4P
   IS281 ( Compact Range )
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
   PSR-MS20 / PSR-MS25
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
PHOENIX CONTACT
2700357 PHOENIX-2700357 Datasheet
264Kb / 14P
   PSR-PS21
2700356 PHOENIX-2700356 Datasheet
267Kb / 14P
   PSR-PS20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com