Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSR6-600-70 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PSR6-600-70
Description  PSR - The compact range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSR6-600-70 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PSR6-600-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSR6-600-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSR6-600-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSR6-600-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSR6-600-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSR6-600-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12 | Softstarters
Softstarters | 13
PSR – The compact range
Technical data
Rated insulation voltage U
i
600 V
Rated operational voltage U
e
208...600 V +10 %/-15 %, 50/60 Hz ±5 %
Rated control supply voltage U
s
100...240 V AC, 50/60Hz ±5 % or 24 V DC, +10 %/-15 %,
Power consumption
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
Supply circuit
at 100-240 V AC
12 VA
10 VA
at 24 V DC
5 W
Max. Power loss at rated I
e
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
0.7 W
2.9 W
6.5 W
11.5 W
20.5 W
25 W
36 W
5.5 W
8.1 W
3.6 W
5.2 W
7.2 W
6.6 W
Starting capacity at I
r
4 x Ir for 6 sec.
Number of starts per hour
See table on page 13.
standard
10 1)
with aux. fan
20 1)
Service factor
100 %
Ambient temperature
during operation
-25 ºC to + 60 ºC (-13 to 140 ºF) 2)
during storage
-40 ºC to + 70 ºC (-40 to 158 ºF)
Maximum altitude
4000 m (13123 ft) 3)
Degree of protection
PSR3
PSR6
PSR9
PSR12
PSR16
PSR25
PSR30
PSR37
PSR45
PSR60
PSR72
PSR85
PSR105
main circuit
IP20
IP10
control circuit
IP20
Connection
PSR3-PSR16
PSR25-PSR30
PSR37-PSR45
PSR60-PSR105
main circuit
cable area
1 x 2.5mm2
1 x 2.5 - 10 mm2
1 x 6 - 35 mm2
1 x 10 - 95 mm2
1 x 14 AWG
1 x 12 - 8 AWG
1 x 8 - 4 AWG
1 x 6 - 2/0 AWG
tightening torrque
1 Nm - 9 lb.in
2.3 Nm - 20 lb.in
4.0 Nm - 35 lb.in
8.0 Nm - 71 lb.in
PSR3-PSR16
PSR25-PSR105
control circuit
cable area
1 x 1.5 - 2.5 mm2
1 x 1.5 - 2.5 mm2
2 x 1.5 mm2
2 x 1.5 mm2
1 x 16 - 14 AWG
1 x 16 -14 AWG
2 x 16 AWG
2 x 16 AWG
tightening torque
1 Nm - 9 lb.in
0.6 Nm - 5 lb.in
Signal relays
PSR3-PSR16
PSR25-PSR105
for Run signal
Resistive load
240 V AC, 3 A / 24 V DC, 3 A
240 V AC, 3 A / 24 V DC, 3 A
AC-15 (Contactor)
240 V AC, 0.5 A / 24 V DC, 0.5 A
240 V AC, 0.5 A / 24 V DC, 0.5 A
for Top ramp signal
Resistive load
-
240 V AC, 3 A / 24 V DC, 3 A
AC-15 (Contactor)
-
240 V AC, 0.5 A / 24 V DC, 0.5 A
LED
for On/Ready
Green
for Run/Top Of Ramp
Green
Settings Ramp time during start
1-20 sec.
Ramp time during stop
0-20 sec.
Initial- and End Voltage
40-70%
1)
Valid for 50 % on time and 50 % off time. 4 x I
e for 6 sec., if other data is required, contact your sales office.
2)
Above 40 ºC (104 ºF) up to max. 60 ºC (140 ºF) reduce the rated current with 0.8 % per ºC (0.44 % per ºF).
3)
When used at high altitudes above 1000 meters (3281 ft) up to 4000 meters (13123 ft) you need to derate the rated current using the following formula.
[ % of I
e = 100 -
x - 1000 ] x = actual altitude for the softstarter in meter
150
[ % of I
e = 100 -
x - 3280 ] x = actual altitude for the softstarter in feet
497


Similar Part No. - PSR6-600-70

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PSR66N08AK MSPI-PSR66N08AK Datasheet
120Kb / 1P
   Sales Outline Drawing
More results

Similar Description - PSR6-600-70

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS281 ISOCOM-IS281 Datasheet
751Kb / 4P
   IS281 ( Compact Range )
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
   PSR-MS20 / PSR-MS25
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
Wabash Transformer Inc.
PST-24-10 WABASH-PST-24-10 Datasheet
625Kb / 2P
   The Compact Power Transformer
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
P24T-24-24 WABASH-P24T-24-24 Datasheet
511Kb / 1P
   The Compact Isolation Transformer
P24L-24-24 WABASH-P24L-24-24 Datasheet
440Kb / 1P
   The Compact Isolation Transformer
logo
PHOENIX CONTACT
2700357 PHOENIX-2700357 Datasheet
264Kb / 14P
   PSR-PS21
2700356 PHOENIX-2700356 Datasheet
267Kb / 14P
   PSR-PS20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com