Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL123-05N Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL123-05N
Description  Low Skew Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-05N Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL123-05N Datasheet HTML 1Page - Micrel Semiconductor PL123-05N Datasheet HTML 2Page - Micrel Semiconductor PL123-05N Datasheet HTML 3Page - Micrel Semiconductor PL123-05N Datasheet HTML 4Page - Micrel Semiconductor PL123-05N Datasheet HTML 5Page - Micrel Semiconductor PL123-05N Datasheet HTML 6Page - Micrel Semiconductor PL123-05N Datasheet HTML 7Page - Micrel Semiconductor PL123-05N Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PL123-05N/-09N
Low Skew Fanout Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/15/12
Page 1
FEATURES
Output fanout buffer for DC to 134MHz
 Output Options:
o
1:5 output fanout with PL123-05
o
1:9 output fanout with PL123-09
Low power consumption for portable applications
Low input-output delay
Output-Output skew less than 250ps
Low Additive Phase Jitter of 60fs RMS
2.5V to 3.3V, ±10% operation
1.8V ±10% operation up to 67MHz
Operating temperature range from -40°C to 85°C
Available in 16-Pin SOP (PL123-09) and 8-Pin
SOP (PL123-05). Both are GREEN/RoHS packag-
es.
DESCRIPTION
The PL123-05N and PL123-09N are a low-cost
fanout buffers for distributing high-speed clocks with
low output to output skew and preserving low noise
properties. The fanout buffers accept an input from
DC to 134MHz and provide 5 or 9 outputs of the same
frequency. A typical PL123-09N application for driving
SDRAM in PC systems would use eight outputs to
drive two DIMMs, or four SO-DIMMs, with the re-
maining output used for driving an external feed-
back to a PLL. A typical PL123-05N application is
to fanout a low noise CMOS clock oscillat or to 5
low noise CMOS clocks.
These parts are not intended for 5V input-tolerant ap-
plications.
BLOCK DIAGRAM AND PACKAGE PINOUT
REF
CLK1
CLK2
CLK3
CLK4
CLK5
CLK6
CLK7
CLK8
CLK9
1
REF
CLK1
CLK2
VDD
CLK9
CLK8
CLK7
VDD
GND
CLK6
CLK5
GND
10
11
12
13
14
15
16
9
8
7
6
5
4
3
2
VDD
CLK4
CLK3
GND
SOP-16L
REF
CLK1
CLK2
CLK3
CLK4
CLK5
1
REF
CLK1
CLK2
GND
CLK5
CLK4
VDD
CLK3
5
6
7
8
4
3
2
SOP-8L


Similar Part No. - PL123-05N

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-05 MICREL-PL123-05 Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC MICREL-PL123-05HSC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC MICREL-PL123-05HSC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC-R MICREL-PL123-05HSC-R Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05HSC-R MICREL-PL123-05HSC-R Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
More results

Similar Description - PL123-05N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
   LOW SKEW 1-TO-16 FANOUT BUFFER
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
   Low Skew 1-to-16 Fanout Buffer
logo
Integrated Device Techn...
ICS83210 IDT-ICS83210 Datasheet
173Kb / 9P
   LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
   LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
logo
Integrated Device Techn...
83947I IDT-83947I Datasheet
106Kb / 10P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com