Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P020222 Datasheet(PDF) 1 Page - E-SWITCH

Part # P020222
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P020222 Datasheet(HTML) 1 Page - E-SWITCH

  P020222 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105RF160Q
10/12/2012
P020222
C
EBP
1
1
PC MOUNTING
1
2
7.30
[.287 in]
6.00
[.236 in]
6.15
[.242 in]
4.00
[.157 in]
2.50
[.098 in]
2.50
[.098 in]
1.00
[.039 in]
.30
[.012 in]
.40
[.016 in]MAX.
4.50
[.177 in]
7.00
[.276 in]
8.40
[.331 in]
.70
[.028 in]
.40
[.016 in]
1.73
[.068 in]
3.50
[.138 in]
1
2
n1.00
[.039 in]
(2)
7.00
[.276 in]
4.50
[.177 in]
2.50
[.098 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 50mA
5. OPERATING FORCE: 160 ± 50 gms
6. TRAVEL: 0.25 +0.2/-0.1 mm
7. CONTACT RESISTANCE: 50 MILLI OHMS MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE 100,000 CYCLES MIN.
9. CONTACT MATERIAL: SILVER
10.
DENOTES CRITICAL PARAMETER
11. 2011/65/EU (ROHS) COMPLIANT
CIRCUIT: SPST
n3.50
[.138 in]
C
20819
REDRAWN IN INVENTOR
10/12/12
EBP
4.00
[.157 in]
3.70
[.146 in]
3.70
[.146 in]
6.00
[.236 in]
ISOMETRIC
n1.30
[.051 in]
(2)
IVORY
ACTUATOR
2
1


Similar Part No. - P020222

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P020220 E-SWITCH-P020220 Datasheet
44Kb / 1P
   All Dimension In MM
P020221 E-SWITCH-P020221 Datasheet
55Kb / 1P
   All Dimension In MM
P020223 E-SWITCH-P020223 Datasheet
43Kb / 1P
   All Dimension In MM
P020224 E-SWITCH-P020224 Datasheet
29Kb / 1P
   All Dimension In MM
P020225 E-SWITCH-P020225 Datasheet
59Kb / 1P
   All Dimension In MM
More results

Similar Description - P020222

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com