Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER601 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HER601
Description  High Surge Current Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HER601 Datasheet(HTML) 1 Page - Diodes Incorporated

  HER601 Datasheet HTML 1Page - Diodes Incorporated HER601 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS25005 Rev. 6 - 4
1 of 2
HER601-HER604
www.diodes.com
ã Diodes Incorporated
Features
·
High Surge Current Capability
·
Low Leakage and Forward Voltage Drop
·
Plastic Material - UL Flammability
Classification 94V-0
·
Low Power Loss, High Efficiency
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Color Band Indicates Cathode
·
Approx. Weight: 1.7 grams
·
Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25° C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Characteristic
Symbol
HER601
HER602
HER603
HER604
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
V
Maximum RMS Voltage
VRSM
35
70
140
210
V
Maximum dc Blocking Voltage
VDC
50
100
200
300
V
Maximum Average Forward Rectified Current (Fig. 1)
I(AV)
6.0
A
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
250
A
Maximum Instantaneous Forward Voltage at 6.0Adc
VF
1.2
V
Maximum dc Reverse Current at Rated dc Blocking Voltage TA =
25°C
IR
10
µA
Maximum Reverse Recovery Time (Note 1)
TRR
60
ns
Maximum Full Load Reverse Current Full Cycle Average 9.5mm
lead length at TC = 55°C
IR
150
µA
Typical Junction Capacitance (Note 2)
RqJA
100
pF
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
A
A
B
C
D
HER601 - HER604
6.0A HIGH EFFICIENCY RECTIFIER
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts.
R-6
Dim
Min
Max
A
25.4
B
8.6
9.1
C
1.2
1.3
All Dimensions in mm
DISCONTINUED


Similar Part No. - HER601

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER601 YFWDIODE-HER601 Datasheet
286Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Won-Top Electronics
HER601 WTE-HER601 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER601 DACHANG-HER601 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results

Similar Description - HER601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80PF VISHAY-VS-80PF Datasheet
165Kb / 9P
   High surge current capability
Revision: 04-Dec-14
logo
DIYI Electronic Technol...
HER201GU DYELEC-HER201GU Datasheet
913Kb / 2P
   High surge current capability
RABF22 DYELEC-RABF22 Datasheet
1Mb / 2P
   High surge current capability
RABS22 DYELEC-RABS22 Datasheet
1Mb / 2P
   High surge current capability
logo
Unisonic Technologies
SFR1020CL-TA3-T UTC-SFR1020CL-TA3-T Datasheet
307Kb / 4P
   High Surge Current Capability
logo
First Silicon Co., Ltd
KBJ4A FS-KBJ4A Datasheet
233Kb / 2P
   High surge current capability
logo
Sangdest Microelectroni...
GBU6005G SMC-GBU6005G Datasheet
146Kb / 4P
   High surge current capability
logo
GeneSiC Semiconductor, ...
GBJ30J GENESIC-GBJ30J Datasheet
791Kb / 3P
   High surge current capability
logo
Nell Semiconductor Co.,...
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
logo
DIYI Electronic Technol...
GBPC50005W DYELEC-GBPC50005W Datasheet
2Mb / 2P
   High surge current capability
logo
International Rectifier
25F IRF-25F Datasheet
54Kb / 6P
   High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com