Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWM500-36 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TWM500-36
Description  500W Medical Grade AC/DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM500-36 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TWM500-36 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM500-36 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TWM500-36 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower TWM500-36 Datasheet HTML 4Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
Enclosed with Top Fan (Suffix "T")
CN1: Input Connector
3-Pole Terminal block pitch: 8.25mm rate 20A/300V
Pin #
Signal
1
AC Neutral
2
AC Line
3
F.G.
CN2: +5VSB Output Connector
JST B2B-XH-A pitch:2.5mm or equivalent, mates with
female housing JST XHP-2 or equivalent
Pin #
Signal
1
+5VSB
2
GND
CN4: Main Output Connector
6-Pole Terminal block pitch: 8.25mm rate 20A/300V
Pin #
Signal
1
+Vo
2
+Vo
3
+Vo
4
RTN
5
RTN
6
RTN
TWM500 Series
500W Medical Grade AC/DC Power Supplies
MECHANICAL SPECIFICATIONS (Unit: mm)
INPUT & OUTPUT CONNECTORS


Similar Part No. - TWM500-36

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM500-54 TRUMPOWER-TWM500-54 Datasheet
305Kb / 3P
   280W Medical and ITE Grade AC/DC Power Supplies
More results

Similar Description - TWM500-36

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
   500W ITE Grade AC/DC Power Supplies
logo
TDK Electronics
CSS500 TDK-CSS500 Datasheet
746Kb / 2P
   500W AC-DC Medical or Industrial Power Supplies
logo
Tumbler Technologies + ...
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
   180W Medical Grade AC/DC Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
   360W Medical Grade AC/DC Power Supplies
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
   250W Medical Grade AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
   65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
   1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
   150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
   280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com