Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NES1823P-100 Datasheet(PDF) 2 Page - NEC

Part # NES1823P-100
Description  100W L-BAND PUSH-PULL POWER GaAs MESFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NES1823P-100 Datasheet(HTML) 2 Page - NEC

  NES1823P-100 Datasheet HTML 1Page - NEC NES1823P-100 Datasheet HTML 2Page - NEC NES1823P-100 Datasheet HTML 3Page - NEC NES1823P-100 Datasheet HTML 4Page - NEC NES1823P-100 Datasheet HTML 5Page - NEC NES1823P-100 Datasheet HTML 6Page - NEC NES1823P-100 Datasheet HTML 7Page - NEC NES1823P-100 Datasheet HTML 8Page - NEC NES1823P-100 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary Data Sheet
2
NES1823P-100
RECOMMENDED OPERATING LIMITS
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
10.0
10.0
V
Gain Compression
Gcomp
3.0
dB
Channel Temperature
Tch
+150
°C
Set Drain Current
Note 1
IDset
6.0
8.0
A
Gate Resistance
Note 2
Rg
10
12.5
Notes 1. IDset = 3.0 A each drain, VDS = 10 V, RF OFF.
2. Rg is the series resistance between the gate supply and FET gate.
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Saturated Drain Current
IDSS
VDS = 2.5 V, VGS = 0 V
76
A
Pinch-off Voltage
Vp
VDS = 2.5 V, IDS = 330 mA
–4.0
–2.6
V
Thermal Resistance
Rth
Channel to Case
0.6
0.8
°C/W
Output Power
Pout
49.0
50.0
dBm
Drain Current
ID
20.0
32.5
A
Drain Efficiency
ηD
50
%
Linear Gain
GL
f = 2.2 GHz, VDS = 10 V
Pin = +42.5 dBm, Rg = 12.5
IDset = 6.0 A Total (RF OFF)
Note
9.0
11.0
dB
Note IDset = 3.0 A each drain


Similar Part No. - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NES1823P-100 RENESAS-NES1823P-100 Datasheet
265Kb / 22P
   N-CHANNEL GaAs MESFET
1998
More results

Similar Description - NES1823P-100

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
logo
NEC
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
logo
Renesas Technology Corp
NES1823M-240 RENESAS-NES1823M-240 Datasheet
299Kb / 13P
   GaAs FET 240 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-180 RENESAS-NES1823M-180 Datasheet
287Kb / 13P
   GaAs FET 180 W L, S-BAND PUSH-PULL POWER GaAs FET
2004
NES1823M-45 RENESAS-NES1823M-45 Datasheet
200Kb / 8P
   GaAs FET 45 W L, S-BAND PUSH-PULL POWER GaAs FET
2003
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com