Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NES1823P-100 Datasheet(PDF) 3 Page - NEC

Part No. NES1823P-100
Description  100W L-BAND PUSH-PULL POWER GaAs MESFET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NES1823P-100 Datasheet(HTML) 3 Page - NEC

  NES1823P-100 Datasheet HTML 1Page - NEC NES1823P-100 Datasheet HTML 2Page - NEC NES1823P-100 Datasheet HTML 3Page - NEC NES1823P-100 Datasheet HTML 4Page - NEC NES1823P-100 Datasheet HTML 5Page - NEC NES1823P-100 Datasheet HTML 6Page - NEC NES1823P-100 Datasheet HTML 7Page - NEC NES1823P-100 Datasheet HTML 8Page - NEC NES1823P-100 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Data Sheet
3
NES1823P-100
TYPICAL CHARACTERISTICS (TA = +25°C)
POWER MATCHING AND IM3 MATCHING
NEC produces two type matching circuits, power matching and IM3 matching. Power matching circuit is used our
production line. And the IM3 matching circuit is useful for the customers to design the special tuning application. The
power matching is designed as this, input impedance is gain-matching, output is matched with power matching
impedance which is calculated with large signal simulation model.
The IM3 matching is designed as this, input
impedance is matched to the impedance which has the direction of decreasing S21 phase-shift, output impedance is
matched to the almost same as the efficiency matching impedance. Those typical RF data are shown as this, GL =
10.2 dB Pout = 50.0 dBm IM3 = –28 dBc at power matching, GL = 10.0 dB Pout = 49.3 dBm IM3 = –31 dBc at IM3
matching (@2 tone Pout = 40 dBm).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn