Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0845NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0845NL
Description  THT/SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0845NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0845NL Datasheet HTML 1Page - Pulse A Technitrol Company P0845NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
78
SPM2007 (11/07)
.600
15,24
.400
10,16
1.097
27,86
.155
3,94
SUGGESTED PAD LAYOUT
P0XXX
Date Code
Country of Origin
.500 MAX
12,70
4X .320 ± .020
8,13 ± 0,51
.600
15,24
1.000
25,40
1.100
27,94
1.220 MAX
30,99
23
14
23
14
4 SURFACES
.006/0,15
SCHEMATIC
2
1
3
4
HCI-68
LCI Series
Bigfoot
Mechanicals
.940 MAX
23,87
.820 ± .015
20,83 0,38
PE-XXXXX
DATE CODE
COUNTRY OF ORIGIN
U.S. PAT. 5309130
.700 ±.005
17,78 0,13
.830 ± .005
21,08 0,13
2X
.080 ±.005
2,03
0,13
R
.400 MAX
10,16
SEATING PLANE
SUGGESTED PAD LAYOUT
.940 MAX
23,87
2 SURFACES
.005/0,13
E
F
R
2X
.060
1,52
SUGGESTED PAD LAYOUT
PE-XXXXX
U.S. PAT 53091 30
DATE CODE
COUNTRY OF ORIGIN
SEATING
PLANE
C MAX
4 SURFACES
.005/0,13
D ±.015
0,38
B MAX
A MAX
Note:
Coil must clear seating plane by .010 MIN
0,25
Notes:
1.
Dimension “D” is measured across terminal blocks only.
2.
Coil must clear seating plane by .010 MIN.
0,25
PKG
A
B
C
D
E
F
LCI-44
.600
.620
.390
.500
.550
.510
15,24
15,75
9,91
12,70
13,97
12,95
LCI-50
.670
.700
.390
.580
.620
.590
17,02
17,78
9,91
14,74
15,75
14,99
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Weight . . . . . . . . . . . . . .12.1 grams
Tape & Reel . . . . . . . . . . . .100/reel
Tube . . . . . . . . . . . . . . . . . .40/tube
Weight . . . . . . . . . . . . . . .18 grams
Tape & Reel . . . . . . . . . . . . .20/reel
Tube . . . . . . . . . . . . . . . . . .75/tube
LCI-44
LCI-50
Weight ......................3.6 grams .............4.8 grams
Tape & Reel.................200/reel ................200/reel
Tube .............................30/tube .................30/tube
THT/SMT POWER INDUCTORS
Toroid - Designed for National’s 260kHz
Simple Switcher


Similar Part No. - P0845NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0845NL PULSE-P0845NL Datasheet
173Kb / 2P
   Toroid - Designed for Nationals 260kHz Simple Switcher
P0845NL PULSE-P0845NL Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
P0845NL PULSE-P0845NL Datasheet
173Kb / 2P
   Simple Switcher
More results

Similar Description - P0845NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53828SNLT PULSE-PE-53828SNLT Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS
P0845SNLT PULSE-P0845SNLT Datasheet
173Kb / 2P
   THT/SMT POWER INDUCTORS
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-51591NL PULSE-PE-51591NL_15 Datasheet
614Kb / 3P
   THT Power Inductors
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com