Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LS195A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74LS195A
Description  4-bit Parallel-Access Shift Registers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74LS195A Datasheet(HTML) 6 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN541954-BIT PARALLEL-ACCESS SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN5495A4-BIT PARALLEL-ACCESS SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
HD74AC1954-bit Parallel-Access Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74LS6724-BIT UNIVERSAL SHIFT REGISTERS/LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
HD74LS95B4-bit Parallel Access Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
SN541944-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54944-BIT SHIFT REGISTERS 1 2 3 4 Texas Instruments
DM541944-Bit Bidirectional Universal Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54L954-Bit Parallel Access Shift Registers 1 2 3 4 National Semiconductor (TI)
DM54S1944-Bit Bidirectional Universal Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn