Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEL2012F03-24 Datasheet(PDF) 5 Page - NEC

Part # NEL2012F03-24
Description  NPN SILICON EPITAXIAL TRANSISTOR L BAND POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NEL2012F03-24 Datasheet(HTML) 5 Page - NEC

  NEL2012F03-24 Datasheet HTML 1Page - NEC NEL2012F03-24 Datasheet HTML 2Page - NEC NEL2012F03-24 Datasheet HTML 3Page - NEC NEL2012F03-24 Datasheet HTML 4Page - NEC NEL2012F03-24 Datasheet HTML 5Page - NEC NEL2012F03-24 Datasheet HTML 6Page - NEC NEL2012F03-24 Datasheet HTML 7Page - NEC NEL2012F03-24 Datasheet HTML 8Page - NEC NEL2012F03-24 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
NEL2012F03-24
45
44.5
44
43.5
43
42.5
42
41.5
41
40.5
40
1.9
1.92
1.94
1.96
1.98
2
2
3
4
5
6
7
8
9
10
P1dB
GL
11
12
Freq [GHz]
NEL2012F03-24 Frequency Characteristics
VCC = 24 v Icq = 0.075 A (Class AB)


Similar Part No. - NEL2012F03-24

ManufacturerPart #DatasheetDescription
logo
NEC
NEL200101-24 NEC-NEL200101-24 Datasheet
88Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2004F02-24 NEC-NEL2004F02-24 Datasheet
89Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2035F03-24 NEC-NEL2035F03-24 Datasheet
107Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
More results

Similar Description - NEL2012F03-24

ManufacturerPart #DatasheetDescription
logo
NEC
NEL200101-24 NEC-NEL200101-24 Datasheet
88Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2004F02-24 NEC-NEL2004F02-24 Datasheet
89Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2035F03-24 NEC-NEL2035F03-24 Datasheet
107Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
logo
Renesas Technology Corp
2SC5289 RENESAS-2SC5289 Datasheet
342Kb / 14P
   NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
logo
NEC
2SC5289 NEC-2SC5289 Datasheet
114Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
logo
Renesas Technology Corp
2SC5288 RENESAS-2SC5288 Datasheet
344Kb / 14P
   NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
logo
NEC
2SC5288 NEC-2SC5288 Datasheet
117Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
logo
Renesas Technology Corp
2SC2762 RENESAS-2SC2762 Datasheet
191Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996 P
2SC2586 RENESAS-2SC2586 Datasheet
160Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996
logo
Fairchild Semiconductor
KSD526Y FAIRCHILD-KSD526Y Datasheet
182Kb / 4P
   NPN Epitaxial Silicon Transistor Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com