Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P001096 Datasheet(PDF) 1 Page - E-SWITCH

Part # P001096
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P001096 Datasheet(HTML) 1 Page - E-SWITCH

  P001096 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1100AF160Q
2:1
10/15/2012
P001096
A
rc
1
1
PCB MOUNTING
1
2
34
1
2
3
4
12.00
[.472 in]
12.00
[.472 in]
3.90
[.154 in]
4.50
[.177 in]
12.50
[.492 in]
14.00
[.551 in]
.30
[.012 in]
3.50
[.138 in]
5.00
[.197 in]
1.00
[.039 in]
.50
[.020 in]
2
4
3
CIRCUIT: SPST
1
12.50
[.492 in]
n1.30
[.051 in]
5.00
[.197 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. RATING: 50mA @ 12VDC
5. TRAVEL: 0.30
`0.15mm
6. OPERATING FORCE: 160
`50mm
7. CONTACT RESISTANCE: 100mW MAX.
8. ELECRTICAL LIFE: 100,000 CYCLES
9.
DENOTES CRITICAL PARAMETER
10. 2002/95/EC (ROHS) COMPLIANT
A
20828
RELEASED
10/15/12
rc
3.80
[.150 in]
o
ACTUATOR COLOR:
BLACK
7.30
[.287 in]
1.80
[.071 in]
3.00
[.118 in]


Similar Part No. - P001096

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P001099 E-SWITCH-P001099 Datasheet
93Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P001096

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com