Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

336SYGSYGD-S530-E2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. 336SYGSYGD-S530-E2
Description  5.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

336SYGSYGD-S530-E2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  336SYGSYGD-S530-E2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 336SYGSYGD-S530-E2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 336SYGSYGD-S530-E2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 336SYGSYGD-S530-E2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 336SYGSYGD-S530-E2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 336SYGSYGD-S530-E2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
5.0mm Round Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=
5
V
10
μA
Iv
IF=
20
mA
8
16
mcd
2θ1/2
IF=
20
mA
90
deg
λp
IF=
20
mA
575
nm
λd
IF=
20
mA
573
nm
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 3 of 6
Device Number : CDLE-033-1518
Prepared date:
Prepared by:
Xiuzen Feng
Luminous Intensity
Viewing Angle
336SYGSYGD/S530-E2
Parameter
Condition
Forward Voltage
Reverse Current
Peak Wavelength
2005/9/8
Dominant Wavelength
Spectrum Radiation
Bandwidth


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn