Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1334GEU-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP1334GEU-HF
Description  Lower Gate Charge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP1334GEU-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP1334GEU-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP1334GEU-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP1334GEU-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP1334GEU-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP1334GEU-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Maximum Continuous Drain
Current v.s. Ambient Temperature
4
0
1
2
3
4
5
6
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
V DS =10 V
I D =6 A
0
200
400
600
800
1
5
9
13
17
21
25
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=450℃/W
t
T
Single Pulse
0.01
0.02
0.05
0.1
0.2
Duty factor=0.5
0.01
0.1
1
10
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
10
20
30
40
01
23
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
Operation in this
area limited by
RDS(ON)
T j =-40
o C
0
1
2
3
4
25
50
75
100
125
150
T A , Ambient Temperature (
o C )


Similar Part No. - AP1334GEU-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP1334GEU-HF A-POWER-AP1334GEU-HF Datasheet
58Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP1334GEU-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30T03GH-HF A-POWER-AP30T03GH-HF Datasheet
99Kb / 4P
   Lower Gate Charge Lower Gate Charge
AP4434GM-HF A-POWER-AP4434GM-HF_14 Datasheet
98Kb / 4P
   Lower Gate Charge
AP2302N-HF A-POWER-AP2302N-HF_14 Datasheet
92Kb / 4P
   Lower Gate Charge
AP4434AGH-HF A-POWER-AP4434AGH-HF_14 Datasheet
65Kb / 4P
   Lower Gate Charge
AP4434AGM-HF A-POWER-AP4434AGM-HF_14 Datasheet
100Kb / 4P
   Lower Gate Charge
AP9452GG-HF A-POWER-AP9452GG-HF_14 Datasheet
96Kb / 5P
   Lower gate charge
AP6970GN2-HF A-POWER-AP6970GN2-HF_14 Datasheet
107Kb / 4P
   Lower Gate Charge
AP62T03GJ A-POWER-AP62T03GJ_14 Datasheet
105Kb / 4P
   Lower Gate Charge
AP1332GEU-HF A-POWER-AP1332GEU-HF_14 Datasheet
61Kb / 4P
   Lower Gate Charge
AP4434GH-HF A-POWER-AP4434GH-HF_14 Datasheet
81Kb / 4P
   Lower Gate Charge
AP62T03GH A-POWER-AP62T03GH_14 Datasheet
105Kb / 4P
   Lower Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com