Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LS10 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74LS10
Description  Triple 3-input Positive NAND Gates
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LS10 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74LS10 Datasheet HTML 1Page - Hitachi Semiconductor HD74LS10 Datasheet HTML 2Page - Hitachi Semiconductor HD74LS10 Datasheet HTML 3Page - Hitachi Semiconductor HD74LS10 Datasheet HTML 4Page - Hitachi Semiconductor HD74LS10 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LV10ATriple 3-input Positive NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS27Triple 3-input Positive NOR Gates 1 2 3 4 5 Hitachi Semiconductor
54LS10Triple 3-Input NAND Gates 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74LV11ATriple 3-input Positive AND Gates 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV27ATriple 3-input Positive NOR Gates 1 2 3 4 5 MoreHitachi Semiconductor
DM54L10Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
HD74HC10Triple 3-input NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
5410Triple 3-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
HD74LS12Triple 3-input Positive NAND Gates with Open Collector Outputs 1 2 3 4 5 Hitachi Semiconductor
74LVT103.3V Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn