Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4399 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N4399
Description  PNP HIGH POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4399 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N4399 Datasheet HTML 1Page - Microsemi Corporation 2N4399 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4399, 2N5745 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 2.0 Vdc
IC = 15 Adc, VCE = 2.0 Vdc
2N4399
IC = 10 Adc, VCE = 2.0 Vdc
2N5745
IC = 30 Adc, VCE = 5.0 Vdc
2N4399
IC = 20 Adc, VCE = 5.0 Vdc
2N5745
hFE
40
15
15
5.0
5.0
425
60
60
Collector-Emitter Saturation Voltage
IC = 5.0 Adc, IB = 0.5 Adc
IC = 10 Adc, IB = 1.0 Adc
2N4399
2N5745
VCE(sat)
0.55
0.75
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 10 Adc, IB = 1.0 Adc
IC = 15 Adc, IB = 1.5 Adc
2N4399
2N5745
VBE(sat)
1.7
1.8
2.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz
h
fe
4.0
40
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz
hfe
40
425
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
1000
pF
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 6.67 Vdc, IC = 30 Adc
2N4399
VCE = 10 Vdc, IC = 20 Adc
2N5745
Test 2
VCE = 20 Vdc, IC = 10 Adc
All Types
Test 3
VCE = 40 Vdc, IC = 3.0 Adc
All Types
Test 4
VCE = 50 Vdc, IC = 600 mAdc
2N4399
VCE = 60 Vdc, IC = 600 mAdc
2N5745
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N4399

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4399 MOSPEC-2N4399 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N4399 SAVANTIC-2N4399 Datasheet
117Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N4399 BOCA-2N4399 Datasheet
165Kb / 4P
   PNP SILICON HIGH-POWER TRANSISTORS
logo
Central Semiconductor C...
2N4399 CENTRAL-2N4399 Datasheet
495Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N4399

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6211 MICROSEMI-2N6211 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JANTX2N5745 MICROSEMI-JANTX2N5745 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N7369JAN MICROSEMI-2N7369JAN Datasheet
55Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N3791 MICROSEMI-2N3791 Datasheet
64Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
MJ4502 ONSEMI-MJ4502 Datasheet
134Kb / 4P
   High-Power PNP Silicon Transistor
October, 2009 ??Rev. 12
logo
Microsemi Corporation
2N7369 MICROSEMI-2N7369 Datasheet
59Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
   Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
   Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
   Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com