Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE960R5 Datasheet(PDF) 4 Page - NEC

Part # NE960R5
Description  0.5 W X, Ku-BAND POWER GaAs MES FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R5 Datasheet(HTML) 4 Page - NEC

  NE960R5 Datasheet HTML 1Page - NEC NE960R5 Datasheet HTML 2Page - NEC NE960R5 Datasheet HTML 3Page - NEC NE960R5 Datasheet HTML 4Page - NEC NE960R5 Datasheet HTML 5Page - NEC NE960R5 Datasheet HTML 6Page - NEC NE960R5 Datasheet HTML 7Page - NEC NE960R5 Datasheet HTML 8Page - NEC NE960R5 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Data Sheet P14387EJ1V0DS00
4
NE960R5 SERIES
TYPICAL S-PARAMETER
[NE960R575]
TEST CONDITIONS: VDS = 9 V, IDset = 180 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
MAG.
ANG. (deg.)
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
0.87
0.84
0.84
0.82
0.81
0.79
0.73
0.69
0.62
0.63
0.76
0.79
0.87
0.87
0.83
–140
–154
–160
–163
–167
–175
171
147
109
47
0
–21
–45
–53
–60
4.36
2.98
2.36
2.08
1.99
1.96
2.02
2.20
2.30
2.22
1.62
1.30
0.90
0.60
0.43
85
68
54
42
33
18
1
–20
–51
–88
–124
–144
–172
166
150
0.042
0.040
0.040
0.043
0.047
0.055
0.066
0.076
0.083
0.063
0.032
0.017
0.022
0.034
0.037
23
19
22
32
34
35
30
18
–4
–41
–82
–141
128
101
82
0.23
0.25
0.30
0.32
0.34
0.36
0.36
0.37
0.38
0.45
0.57
0.61
0.66
0.73
0.75
–131
–143
–149
–154
–160
–168
178
159
136
95
65
49
27
11
–2
START 2 GHz, STOP 16 GHz, STEP 1 GHz
1.0
0.5
2.0
0
–0.5
–1.0
–2.0
S11
Rmax. = 1
+90
°
+135
°
+45
°
±180°
0
°
–135
°
–90
°
–45
°
S12
Rmax. = 0.1
+90
°
+135
°
+45
°
±180°
0
°
–135
°
–90
°
–45
°
S21
16 GHz
0.5
1.0
2.0
1.0
0.5
2.0
0
–0.5
–1.0
–2.0
S22
Rmax. = 1
2 GHz
0.5
1.0
2.0
Rmax. = 5
2 GHz
16 GHz
16 GHz
2 GHz
16 GHz
2 GHz


Similar Part No. - NE960R5

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
Renesas Technology Corp
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
   N-CHANNEL GaAs MES FET
2003
NE960R500 RENESAS-NE960R500 Datasheet
244Kb / 10P
   N-CHANNEL GaAs MES FET
2003
logo
NEC
NE960R575 NEC-NE960R575 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
Renesas Technology Corp
NE960R575 RENESAS-NE960R575 Datasheet
244Kb / 10P
   N-CHANNEL GaAs MES FET
2003
More results

Similar Description - NE960R5

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
logo
Eudyna Devices Inc
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
   X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
   X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
   X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com