Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

560065-6521 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 560065-6521
Description  .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Right Wire Output, Gray Coding
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

560065-6521 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  560065-6521 Datasheet HTML 1Page - Molex Electronics Ltd. 560065-6521 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
560065-6521
Status:
Active
Description:
.635mm, 1.50mm, Power CMX Connector, 65 Circuits, Right Wire Output, Gray Coding
Documents:
3D Model
Application Specification AS-560065-002 (PDF)
Drawing (PDF)
Application Specification AS-560065-002-FR (PDF)
Product Specification PS-560065-001 (PDF)
Packaging Specification PK-560065-002 (PDF)
Application Specification AS-560065-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-560065-001-FR (PDF)
General
Product Family
Crimp Housings
Series
560065
Application
Power, Wire-to-Wire
Application Tooling Part Link
63812-1100
Application Tooling Part Link
63824-3400
Comments
* Current tested on 0.85mm² wire for CTX 064 and
CTX150
More Detailed Tech Information
Sealed, hybrid, high-density, a new generation of
CMC, suitable for rugged, powertrain applications in
transportation market
Product Name
CMX
UPC
884982628199
Physical
Circuits (maximum)
65
Circuits Detail
55x0.64mm, 10x1.50mm terminals
Color - Resin
Brown
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
42.632/g
Number of Rows
5
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
2.50mm, 3.70mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-560065-001, AS-560065-001-FR, AS-560065-002,
AS-560065-002-FR
Packaging Specification
PK-560065-002
Product Specification
PS-560065-001, RPS-560065-001-JP
Sales Drawing
SD-560065-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
560065Series
Mates With
Please Contact Molex for Details
Use With
Female Terminals 34803 , CTX 064 34805
, CTX150 Plugs 64325-1010 , 64325-1023
CMX Wire Cap, 50273-05501 , 502730-6501
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Continuity Test Pen
Assembly
0638121100
Extractor Tool for
CMX Receptacle
Connector
0638243400


Similar Part No. - 560065-6521

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
560065-6522 MOLEX11-560065-6522 Datasheet
78Kb / 2P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Gray Coding
More results

Similar Description - 560065-6521

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
560065-6511 MOLEX11-560065-6511 Datasheet
78Kb / 2P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Right Wire Output, Gray Coding
38700-7509 MOLEX11-38700-7509 Datasheet
40Kb / 2P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Gray Coding
560065-6522 MOLEX11-560065-6522 Datasheet
78Kb / 2P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Gray Coding
560065-6512 MOLEX11-560065-6512 Datasheet
78Kb / 2P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Gray Coding
0348856511 MOLEX1-0348856511 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Right Wire Output, Black Coding
0348856521 MOLEX1-0348856521 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Right Wire Output, Brown Coding
0348856512 MOLEX1-0348856512 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Black Coding
0348856522 MOLEX1-0348856522 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 65 Circuits, Left Wire Output, Brown Coding
0348855521 MOLEX1-0348855521 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 55 Circuits, Right Wire Output, Brown Coding
0348855512 MOLEX1-0348855512 Datasheet
49Kb / 1P
   .635mm, 1.50mm, Power CMX Connector, 55 Circuits, Left Wire Output, Black Coding
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com