Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK063BJ683KP-F Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK063BJ683KP-F
Description  High Value Multilayer Ceramic Capacitors (High dielectric type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK063BJ683KP-F Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LMK063BJ683KP-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LMK063BJ683KP-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ683KP-F
Features
Item Summary
10V, X5R, 0.068μF, ±10%, 0201
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 15000pcs
Products characteristics table
CaseSize (EIA/JIS)
0201/0603
Rated Voltage (max)
10V
Capacitance
0.068μF
Capacitance Tolerance
±10%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
10%MAX
Temperature Characteristics (EIA/JIS)
X5R/-
Temperature Range (EIA/JIS)
-55 to +85℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
0.6mm ±0.03
W
0.3mm ±0.03
T
0.3mm ±0.03
e
0.15mm ±0.05
2014.11.20
1 / 1


Similar Part No. - LMK063BJ683KP-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK063BJ683MP-F TAIYO-YUDEN-LMK063BJ683MP-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ683P TAIYO-YUDEN-LMK063BJ683P Datasheet
766Kb / 23P
   Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
LMK063BJ683P-F TAIYO-YUDEN-LMK063BJ683P-F Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
More results

Similar Description - LMK063BJ683KP-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK042BJ472MC-W TAIYO-YUDEN-LMK042BJ472MC-W Datasheet
288Kb / 2P
   Value Multilayer Ceramic Capacitors (High dielectric type)
LMK316F226ZL-T TAIYO-YUDEN-LMK316F226ZL-T Datasheet
312Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK107BJ105KA-T TAIYO-YUDEN-LMK107BJ105KA-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK325BJ226MM-T TAIYO-YUDEN-LMK325BJ226MM-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
CEJMK212BJ476MG-T TAIYO-YUDEN-CEJMK212BJ476MG-T Datasheet
137Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ105KV-F TAIYO-YUDEN-TMK105BJ105KV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK105BJ153MV-F TAIYO-YUDEN-TMK105BJ153MV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
GMK105BJ104MV-F TAIYO-YUDEN-GMK105BJ104MV-F Datasheet
286Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ472MP-F TAIYO-YUDEN-TMK063BJ472MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
LMK063BJ223MP-F TAIYO-YUDEN-LMK063BJ223MP-F Datasheet
289Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK105F473ZV-F TAIYO-YUDEN-EMK105F473ZV-F Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com