Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTU6800MTCX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSTU6800MTCX
Description  10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU6800MTCX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSTU6800MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSTU6800MTCX Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
Package Number M24B
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
Package Number MQA24


Similar Part No. - FSTU6800MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
181Kb / 5P
   10-Bit Bus Switch with Pre-Charged Outputs and −2V Undershoot Hardened Circuit (UHC) Protection
FSTU6800MTC FAIRCHILD-FSTU6800MTC Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
More results

Similar Description - FSTU6800MTCX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16811C TI-SN74CBT16811C Datasheet
187Kb / 11P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16800C TI1-SN74CBT16800C Datasheet
498Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT6845C TI-SN74CBT6845C Datasheet
679Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com