Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC95 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74HC95
Description  4-bit Parallel Access Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC95 Datasheet(HTML) 6 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74F1954-BIT PARALLEL ACCESS SHIFT REGISTER 1 2 3 4 Motorola, Inc
74HC1954-bit parallel access shift register 1 2 3 4 5 MoreNXP Semiconductors
CD54HC195High-Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
HD74LS95B4-bit Parallel Access Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
DM54L954-Bit Parallel Access Shift Registers 1 2 3 4 National Semiconductor (TI)
MM54HC1954-Bit Parallel Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
CD74HC195High Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
5495A4-Bit Parallel Access Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
SL74HC4015Dual 4-Bit Shift Register 1 2 3 4 5 MoreSystem Logic Semiconductor
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn