Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC95 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC95
Description  4-bit Parallel Access Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC95 Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC95
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
4
3
MHz
frequency
4.5
20
16
6.0
24
19
Propagation delay t
PLH
2.0
145 —
180
ns
time
4.5
17
29
36
6.0
25
31
t
PHL
2.0
170 —
215
ns
4.5
17
34
43
6.0
29
37
Pulse width
t
w
2.0
80
100
ns
Clock
4.5
16
6
20
6.0
14
17
Setup time
t
su
2.0
100 —
125
ns
4.5
20
2
25
6.0
17
21
Hold time
t
h
2.0
10
10
ns
4.5
10
–1
10
6.0
10
10
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74F1954-BIT PARALLEL ACCESS SHIFT REGISTER 1 2 3 4 Motorola, Inc
74HC1954-bit parallel access shift register 1 2 3 4 5 MoreNXP Semiconductors
CD54HC195High-Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
HD74LS95B4-bit Parallel Access Shift Registers 1 2 3 4 5 MoreHitachi Semiconductor
DM54L954-Bit Parallel Access Shift Registers 1 2 3 4 National Semiconductor (TI)
MM54HC1954-Bit Parallel Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
CD74HC195High Speed CMOS Logic 4-Bit Parallel Access Register 1 2 3 4 5 MoreTexas Instruments
5495A4-Bit Parallel Access Shift Registers 1 2 3 4 5 MoreNational Semiconductor (TI)
SL74HC4015Dual 4-Bit Shift Register 1 2 3 4 5 MoreSystem Logic Semiconductor
74F3954-bit cascadable shift register 3-State 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn