Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU10N20C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQU10N20C
Description  N-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU10N20C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQU10N20C Datasheet HTML 1Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 2Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 3Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 4Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 5Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 6Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 7Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 8Page - Fairchild Semiconductor FQU10N20C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2013
©2003 Fairchild Semiconductor Corporation
FQD10N20C / FQU10N20C Rev. C2
www.fairchildsemi.com
1
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD10N20CTM / FQU10N20CTU
Unit
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
- Continuous (TC = 25°C)
7.8
A
- Continuous (TC = 100°C)
5.0
A
IDM
Drain Current
- Pulsed
(Note 1)
31.2
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
210
mJ
IAR
Avalanche Current
(Note 1)
7.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
50
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD10N20CTM / FQU10N20CTU
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
110
FQD10N20C / FQU10N20C
N-Channel QFET® MOSFET
200 V, 7.8 A, 360 mΩ
Features
• 7.8 A, 200 V, RDS(on) = 360 mΩ (Max.) @ VGS = 10 V,
ID = 3.9 A
• Low Gate Charge (Typ. 20 nC)
• Low Crss (Typ. 40.5 pF)
• 100% Avalanche Tested
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
active power factor correction (PFC), and electronic lamp
ballasts.
G
D
S
I-PAK
D-PAK
G
S
D
G
S
D


Similar Part No. - FQU10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU10N20C FAIRCHILD-FQU10N20C Datasheet
589Kb / 9P
   200V N-Channel MOSFET
FQU10N20C FAIRCHILD-FQU10N20C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
logo
Inchange Semiconductor ...
FQU10N20C ISC-FQU10N20C Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQU10N20C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com