Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC83 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74HC83
Description  4-Bit Binary Full Adder (with Fast Carry)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC83 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74HC83 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC83 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74HC83
6
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
150 —
190
ns
C
0 to ∑i
time
t
PHL
4.5
19
30
38
6.0
26
33
t
PLH
2.0
150 —
190
ns
A
i or Bi to ∑i
t
PHL
4.5
16
30
38
6.0
26
33
t
PLH
2.0
150 —
190
ns
C
0 to C4
t
PHL
4.5
17
30
38
6.0
26
33
t
PLH
2.0
150 —
190
ns
A
i or Bi to C4
t
PHL
4.5
18
30
38
6.0
26
33
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74F283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Fairchild Semiconductor
SN54LS83A 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  Motorola, Inc
CD54AC283 4-Bit Binary Full Adder with Fast Carry 1  Intersil Corporation
HD74AC283 4-bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
54283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283N 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
SN54LS283 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  4  Motorola, Inc
54ACT283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
54F283DM 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn