Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21S-KK2C Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 67-21S-KK2C
Description  Low Power LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21S-KK2C Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  67-21S-KK2C Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21S-KK2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-12-20 09:52:42.0
DATASHEET
SMD  Low Power LED
67-21S/KK2C-HXXXXXXXX2936Z6/2T
5
Copyright © 2013, Everlight All Rights Reserved. Release Date : 16.Dec. 2013. Issue No:V3
Issue No:DSE-0009811
www.everlight.com
Bin Range of Luminous Flux
Bin Code
Min.
Max.
Unit
Condition
M3
19
21
M31
20
21
M4
21
24
M41
22
24
N3
24
27
N4
27
33
lm
IF=60mA
Note:
Tolerance of Luminous flux: ±11%.
Bin Range of Forward Voltage
Group
Bin Code
Min.
Max.
Unit
Condition
36
2.9
3.0
37
3.0
3.1
38
3.1
3.2
39
3.2
3.3
40
3.3
3.4
41
3.4
3.5
2936
42
3.5
3.6
V
IF=60mA
Note:
Tolerance of Forward Voltage: ±0.1V.


Similar Part No. - 67-21S-KK2C

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
364Kb / 5P
   TOP View LEDs
2009/2/20
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
304Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
Everlight Electronics C...
67-21SUBC-S400-A4-TR8 EVERLIGHT-67-21SUBC-S400-A4-TR8 Datasheet
203Kb / 9P
   TOP View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
More results

Similar Description - 67-21S-KK2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com