Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDL5531P1 Datasheet(PDF) 3 Page - NEC

Part # NDL5531P1
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5531P1 Datasheet(HTML) 3 Page - NEC

  NDL5531P1 Datasheet HTML 1Page - NEC NDL5531P1 Datasheet HTML 2Page - NEC NDL5531P1 Datasheet HTML 3Page - NEC NDL5531P1 Datasheet HTML 4Page - NEC NDL5531P1 Datasheet HTML 5Page - NEC NDL5531P1 Datasheet HTML 6Page - NEC NDL5531P1 Datasheet HTML 7Page - NEC NDL5531P1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL5421P Series
TYPICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
WAVELENGTH DEPENDENCE
OF QUANTUM EFFICIENCY
100
80
60
40
20
0
0.9
1.0
1.1
1.3
1.2
1.4
1.5
1.6
1.7
Wavelength
λ ( m)
µ
REVERSE VOLTAGE DEPENDENCE
OF DARK CURRENT
10
1.0
0.1
0.01
0.001
0
10
20
Reverse Voltage VR (V)
50 ˚C
25 ˚C
–25 ˚C
0 ˚C
TC = 75 ˚C
10
0
–10
–60
–40
–20
0
20
Case Temperature TC (˚C)
λ = 1 300 nm
40
60
80
100
TEMPERATURE DEPENDENCE
OF RESPONSIVITY
10
1
10
0
10
–1
10
–2
10
–3
–60
–40
–20
0
20
40
60
80
100
Case Temperature TC (˚C)
TEMPERATURE DEPENDENCE
OF DARK CURRENT
VR = 5 V
REVERSE VOLTAGE DEPENDENCE
OF TERMINAL CAPACITANCE
f = 1.0 MHz
2
1
0.5
0.3
13
10
0.1
0.3
Reverse Voltage VR (V)


Similar Part No. - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5531P1 NEC-NDL5531P1 Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P1 CEL-NDL5531P1 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NDL5531P1 RENESAS-NDL5531P1 Datasheet
203Kb / 10P
   PHOTO DIODE
1996
logo
NEC
NDL5531P1C NEC-NDL5531P1C Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5531P1C CEL-NDL5531P1C Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
More results

Similar Description - NDL5531P1

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5461P NEC-NDL5461P Datasheet
66Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
   1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
   1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
NEC
NDL5481P NEC-NDL5481P Datasheet
68Kb / 8P
   1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com