Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC590 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC590
Description  8-bit Binary Counter/Register (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC590 Datasheet(HTML) 1 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HD74HC590
8-bit Binary Counter/Register (with 3-state outputs)
Description
This device each contains an 8-bit binary counter that feeds an 8-bit storage register. The storage register
has parallel outputs. Separate clocks are provided for both the binary counter and storage register. The
binary counter features a direct clear input
CCLR and a count enable input CCKEN. For cascading a ripple
carry output
RCO is provided. Expansion is easily accomplished by tying RCO of the first stage to CCKEN
of the second stage, etc.
Both the counter and register clocks are positive-edge triggered. If the user wishes to connect both clocks
together, the counter state will always be one count ahead of the register, Internal circuitry prevents
clocking from the clock enable.
Features
• High Speed Operation: t
pd (RCK to Q) = 18.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn